Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663 Datasheet(PDF) 76 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 76 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 72Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 73Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 74Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 75Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 76Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 77Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 78Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 79Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 80Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 1158 page
background image
Section 2 CPU
Rev.1.00 Jun. 07, 2006 Page 24 of 1102
REJ09B0294-0100
• Exception Vector Table and Memory Indirect Branch Addresses
In normal mode, the top area starting at H'0000 is allocated to the exception vector table. One
branch address is stored per 16 bits. The structure of the exception vector table is shown in
figure 2.2.
H'0000
H'0001
H'0002
H'0003
Reset exception vector
Reset exception vector
Exception
vector table
Figure 2.2 Exception Vector Table (Normal Mode)
The memory indirect (@@aa:8) and extended memory indirect (@@vec:7) addressing modes
are used in the JMP and JSR instructions. An 8-bit absolute address included in the instruction
code specifies a memory location. Execution branches to the contents of the memory location.
• Stack Structure
The stack structure of PC at a subroutine branch and that of PC and CCR at an exception
handling are shown in figure 2.3. The PC contents are saved or restored in 16-bit units.
(a) Subroutine Branch
(b) Exception Handling
PC
(16 bits)
EXR*1
Reserved*1, *3
CCR
CCR*3
PC
(16 bits)
SP
SP
Notes: 1.
2.
3.
When EXR is not used it is not stored on the stack.
SP when EXR is not used.
Ignored on return.
(SP
)
*2
Figure 2.3 Stack Structure (Normal Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com