Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663 Datasheet(PDF) 78 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 78 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 74Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 75Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 76Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 77Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 78Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 79Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 80Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 81Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 82Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 1158 page
background image
Section 2 CPU
Rev.1.00 Jun. 07, 2006 Page 26 of 1102
REJ09B0294-0100
2.2.3
Advanced Mode
The data area is extended to 4 Gbytes as compared with that in middle mode.
• Address Space
The maximum address space of 4 Gbytes can be linearly accessed. For individual areas, up to
16 Mbytes of the program area and up to 4 Gbytes of the data area can be allocated.
• Extended Registers (En)
The extended registers (E0 to E7) can be used as 16-bit registers, or as the upper 16-bit
segments of 32-bit registers or address registers.
• Instruction Set
All instructions and addressing modes can be used.
• Exception Vector Table and Memory Indirect Branch Addresses
In advanced mode, the top area starting at H'00000000 is allocated to the exception vector
table. One branch address is stored per 32 bits. The upper eight bits are ignored and the lower
24 bits are stored. The structure of the exception vector table is shown in figure 2.4.
H'00000000
H'00000003
H'00000004
Exception vector table
Reserved
Reset exception vector
Reserved
H'00000007
H'00000001
H'00000002
H'00000005
H'00000006
Figure 2.4 Exception Vector Table (Middle and Advanced Modes)
The memory indirect (@@aa:8) and extended memory indirect (@@vec:7) addressing modes
are used in the JMP and JSR instructions. An 8-bit absolute address included in the instruction
code specifies a memory location. Execution branches to the contents of the memory location.
In advanced mode, an operand is a 32-bit (longword) operand, providing a 32-bit branch
address. The upper eight bits are reserved and assumed to be H'00.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com