Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663 Datasheet(PDF) 81 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 81 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 77Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 78Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 79Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 80Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 81Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 82Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 83Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 84Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 85Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 1158 page
background image
Section 2 CPU
Rev.1.00 Jun. 07, 2006 Page 29 of 1102
REJ09B0294-0100
2.3
Instruction Fetch
The H8SX CPU has two modes for instruction fetch: 16-bit and 32-bit modes. It is recommended
that the mode be set according to the bus width of the memory in which a program is stored. The
instruction-fetch mode setting does not affect operation other than instruction fetch such as data
accesses. Whether an instruction is fetched in 16- or 32-bit mode is selected by the FETCHMD bit
in SYSCR. For details, see section 3.2.2, System Control Register (SYSCR).
2.4
Address Space
Figure 2.8 shows a memory map of the H8SX CPU. The address space differs depending on the
CPU operating mode.
H'0000
H'000000
H'007FFF
H'FF8000
H'FFFFFF
H'00000000
H'00FFFFFF
H'FFFFFFFF
H'00000000
H'FFFFFFFF
H'FFFF
Normal mode
Program area
Data area
(64 kbytes)
Program area
Data area
(4 Gbytes)
Program area
(16 Mbytes)
Program area
(16 Mbytes)
Data area
(64 kbytes)
Data area
(4 Gbytes)
Middle mode
Advanced mode
Maximum mode
Figure 2.8 Memory Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com