| Electronic Components Datasheet Search |
|
H8SX/1663 Datasheet(PDF) 34 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663 Datasheet(HTML) 34 Page - Renesas Technology Corp |
|
34 / 1158 page ![]() Rev.1.00 Jun. 07, 2006 Page xxxiv of lii Figure 7.26 Example of Transfer in Normal Transfer Mode by Cycle Stealing (Transfer Destination DDAR = Odd Address and Destination Address Decrement)............. 372 Figure 7.27 Example of Transfer in Normal Transfer Mode by Burst Access ........................... 373 Figure 7.28 Example of Transfer in Block Transfer Mode......................................................... 374 Figure 7.29 Example of Transfer in Normal Transfer Mode Activated by DREQ Falling Edge........................................................................................... 375 Figure 7.30 Example of Transfer in Block Transfer Mode Activated by DREQ Falling Edge........................................................................................... 376 Figure 7.31 Example of Transfer in Normal Transfer Mode Activated by DREQ Low Level .............................................................................................. 377 Figure 7.32 Example of Transfer in Block Transfer Mode Activated by DREQ Low Level .............................................................................................. 378 Figure 7.33 Example of Transfer in Normal Transfer Mode Activated by DREQ Low Level with NRD = 1 ...................................................................... 379 Figure 7.34 Example of Transfer in Single Address Mode (Byte Read) .................................... 380 Figure 7.35 Example of Transfer in Single Address Mode (Byte Write) ................................... 381 Figure 7.36 Example of Transfer in Single Address Mode Activated by DREQ Falling Edge........................................................................................... 382 Figure 7.37 Example of Transfer in Single Address Mode Activated by DREQ Low Level .............................................................................................. 383 Figure 7.38 Example of Transfer in Single Address Mode Activated by DREQ Low Level with NRD = 1 ...................................................................... 384 Figure 7.39 Interrupt and Interrupt Sources................................................................................ 392 Figure 7.40 Procedure Example of Resuming Transfer by Clearing Interrupt Source ............... 392 Section 8 Data Transfer Controller (DTC) Figure 8.1 Block Diagram of DTC ............................................................................................. 396 Figure 8.2 Transfer Information on Data Area ........................................................................... 406 Figure 8.3 Correspondence between DTC Vector Address and Transfer Information............... 406 Figure 8.4 Flowchart of DTC Operation .................................................................................... 410 Figure 8.5 Bus Cycle Division Example .................................................................................... 412 Figure 8.6 Transfer Information Read Skip Timing ................................................................... 413 Figure 8.7 Memory Map in Normal Transfer Mode................................................................... 415 Figure 8.8 Memory Map in Repeat Transfer Mode (When Transfer Source is Specified as Repeat Area)............................................... 416 Figure 8.9 Memory Map in Block Transfer Mode (When Transfer Destination is Specified as Block Area) ......................................... 417 Figure 8.10 Operation of Chain Transfer.................................................................................... 418 Figure 8.11 DTC Operation Timing (Example of Short Address Mode in Normal Transfer Mode or Repeat Transfer Mode).............................................. 419 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |