Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663 Datasheet(PDF) 53 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 53 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 49Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 50Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 51Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 52Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 53Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 54Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 55Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 56Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 57Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 1158 page
background image
Section 1 Overview
Rev.1.00 Jun. 07, 2006 Page 1 of 1102
REJ09B0294-0100
Section 1 Overview
1.1
Features
• 32-bit high-speed H8SX CPU
Upward compatible with the H8/300 CPU, H8/300H CPU, and H8S CPU
Object programs for those CPUs are executable
Sixteen 16-bit general registers
87 basic instructions
• Extensive peripheral functions
DMA controller (DMAC)
Data transfer controller (DTC)
16-bit timer pulse unit (TPU)
Programmable pulse generator (PPG)
8-bit timer (TMR)
Watchdog timer (WDT)
Serial communication interface (SCI) can be used in asynchronous or clocked synchronous
mode
Universal Serial Bus Interface (USB)
I
2C bus interface 2 (IIC2)
10-bit A/D converter
8-bit D/A converter
Clock pulse generator
• On-chip memory
Product Classification
Product Model
ROM
RAM
H8SX/1663
R5F61663
384 kbytes
40 kbytes
Flash memory
version
H8SX/1664
R5F61664
512 kbytes
40 kbytes
• General I/O port
92 input/output ports
Nine input ports
• Supports power-down modes
• Small package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com