| Electronic Components Datasheet Search |
|
H8SX/1663 Datasheet(PDF) 30 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663 Datasheet(HTML) 30 Page - Renesas Technology Corp |
|
30 / 1158 page ![]() Rev.1.00 Jun. 07, 2006 Page xxx of lii Figure 5.4 Flowchart of Procedure Up to Interrupt Acceptance in Interrupt Control Mode 2... 119 Figure 5.5 Interrupt Exception Handling.................................................................................... 120 Figure 5.6 Block Diagram of DTC, DMAC, and Interrupt Controller ....................................... 123 Figure 5.7 Conflict between Interrupt Generation and Disabling............................................... 128 Section 6 Bus Controller (BSC) Figure 6.1 Block Diagram of Bus Controller.............................................................................. 133 Figure 6.2 Read Strobe Negation Timing (Example of 3-State Access Space) .......................... 143 Figure 6.3 CS and Address Assertion Period Extension (Example of Basic Bus Interface, 3-State Access Space, and RDNn = 0)................. 145 Figure 6.4 RAS Assertion Timing (Column Address Output for 2 cycles in Full Access Mode) ................................... 160 Figure 6.5 Internal Bus Configuration........................................................................................ 168 Figure 6.6 System Clock: External Bus Clock = 4:1, External 2-State Access .......................... 171 Figure 6.7 System Clock: External Bus Clock = 2:1, External 3-State Access .......................... 172 Figure 6.8 Address Space Area Division.................................................................................... 177 Figure 6.9 CSn Signal Output Timing (n = 0 to 7) ..................................................................... 178 Figure 6.10 Timing When CS Signal is Output to the Same Pin................................................ 179 Figure 6.11 Access Sizes and Data Alignment Control for 8-Bit Access Space (Big Endian) ........................................................................................................... 189 Figure 6.12 Access Sizes and Data Alignment Control for 8-Bit Access Space (Little Endian)......................................................................................................... 190 Figure 6.13 Access Sizes and Data Alignment Control for 16-Bit Access Space (Big Endian) ........................................................................................................... 191 Figure 6.14 Access Sizes and Data Alignment Control for 16-Bit Access Space (Little Endian)......................................................................................................... 191 Figure 6.15 16-Bit 2-State Access Space Bus Timing (Byte Access for Even Address)........... 193 Figure 6.16 16-Bit 2-State Access Space Bus Timing (Byte Access for Odd Address) ............ 194 Figure 6.17 16-Bit 2-State Access Space Bus Timing (Word Access for Even Address) ......... 195 Figure 6.18 16-Bit 3-State Access Space Bus Timing (Byte Access for Even Address)........... 196 Figure 6.19 16-Bit 3-State Access Space Bus Timing (Word Access for Odd Address) .......... 197 Figure 6.20 16-Bit 3-State Access Space Bus Timing (Word Access for Even Address) ......... 198 Figure 6.21 Example of Wait Cycle Insertion Timing................................................................ 200 Figure 6.22 Example of Read Strobe Timing ............................................................................. 201 Figure 6.23 Example of Timing when Chip Select Assertion Period is Extended ..................... 203 Figure 6.24 DACK Signal Output Timing.................................................................................. 204 Figure 6.25 16-Bit 2-State Access Space Bus Timing................................................................ 207 Figure 6.26 16-Bit 3-State Access Space Bus Timing................................................................ 208 Figure 6.27 Example of Wait Cycle Insertion Timing................................................................ 210 Figure 6.28 DACK Signal Output Timing.................................................................................. 212 Figure 6.29 Example of Burst ROM Access Timing (ASTn = 1, Two Burst Cycles)................ 215 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |