| Electronic Components Datasheet Search |
|
H8SX/1663 Datasheet(PDF) 281 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663 Datasheet(HTML) 281 Page - Renesas Technology Corp |
|
281 / 1158 page ![]() Section 6 Bus Controller (BSC) Rev.1.00 Jun. 07, 2006 Page 229 of 1102 REJ09B0294-0100 6.10.3 Data Bus The data bus width of the DRAM space can be selected from 8 and 16 bits by bits ABWH2 and ABWL2 in ABWCR. DRAM with 16-bit words can be connected directly to 16-bit bus width space. D7 to D0 are valid in 8-bit DRAM space, and D15 to D0 are valid in 16-bit DRAM space. The data endian format can be selected by bit LE2 in ENDIANCR. For details on the access size and alignment, see section 6.5.6, Endian and Data Alignment. 6.10.4 I/O Pins Used for DRAM Interface Table 6.22 shows the pins used for the DRAM interface. Table 6.22 I/O Pins for DRAM Interface Pin DRAM Selected Name I/O Function WE WE Write enable Output Write enable signal for accessing the DRAM interface RAS RAS Row address strobe Output Row address strobe when the DRAM space is specified as area 2 LUCAS/ DQMLU LUCAS Lower-upper column address strobe Output • Lower-upper column address strobe when the 32-bit DRAM space is accessed • Upper column address strobe when the 16-bit DRAM space is accessed LLCAS/ DQMLL LLCAS Lower-lower column address strobe Output • Lower-lower column address strobe when the 32-bit DRAM space is accessed • Lower column address strobe when the 16-bit DRAM space is accessed OE OE Output enable Output Output enable signal when the DRAM space is accessed WAIT WAIT Wait Input Wait request signal used when an external address space is accessed A17 to A0 A17 to A0 Address pin Output Multiplexed address/data output pin D15 to D0 D15 to D0 Data pin Input/ output Data input/output pin |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |