Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663 Datasheet(PDF) 284 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 284 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 280Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 281Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 282Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 283Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 284Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 285Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 286Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 287Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 288Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 284 / 1158 page
background image
Section 6 Bus Controller (BSC)
Rev.1.00 Jun. 07, 2006 Page 232 of 1102
REJ09B0294-0100
6.10.7
Controlling Row Address Output Cycle
The
RAS signal is driven low at the start of the Tr cycle by setting the RAST bit to 1. The row
address hold time to the falling edge of the
RAS signal and the DRAM read access time are
changed. Set the bit according to the DRAM to be used and the frequency of this LSI so that
required performance can be obtained.
Figure 6.40 shows a timing example when the
RAS signal is driven low at the start of the Tr cycle.
T
p
T
r
T
c1
T
c2
Address bus
Row address
Column address
B
φ
RAS
LUCAS
LLCAS
WE
OE (RD)
WE
OE (RD)
Data bus
High
High
Read
Write
Data bus
BS
RD/
WR
Figure 6.40 Access Timing Example of
RAS Signal Driven Low at Start of Tr Cycle
(CAST = 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com