| Electronic Components Datasheet Search |
|
H8SX/1663 Datasheet(PDF) 155 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663 Datasheet(HTML) 155 Page - Renesas Technology Corp |
|
155 / 1158 page ![]() Section 5 Interrupt Controller Rev.1.00 Jun. 07, 2006 Page 103 of 1102 REJ09B0294-0100 • ISCRH Bit Bit Name Initial Value R/W Description 15 14 IRQ15SR IRQ15SF 0 0 R/W R/W IRQ15 Sense Control Rise IRQ15 Sense Control Fall IRQ15 is used as the 32KOVI interrupt in the TM32K. IRQ15 is generated at falling edge of IRQ15. 00: Initial setting 01: Interrupt request generated at falling edge of IRQ15 10: Setting prohibited 11: Setting prohibited 13 to 8 All 0 R/W Reserved These bits are always read as 0. The write value should always be 0. 7 6 IRQ11SR IRQ11SF 0 0 R/W R/W IRQ11 Sense Control Rise IRQ11 Sense Control Fall 00: Interrupt request generated by low level of IRQ11 01: Interrupt request generated at falling edge of IRQ11 10: Interrupt request generated at rising edge of IRQ11 11: Interrupt request generated at both falling and rising edges of IRQ11 5 4 IRQ10SR IRQ10SF 0 0 R/W R/W IRQ10 Sense Control Rise IRQ10 Sense Control Fall 00: Interrupt request generated by low level of IRQ10 01: Interrupt request generated at falling edge of IRQ10 10: Interrupt request generated at rising edge of IRQ10 11: Interrupt request generated at both falling and rising edges of IRQ10 3 2 IRQ9SR IRQ9SF 0 0 R/W R/W IRQ9 Sense Control Rise IRQ9 Sense Control Fall 00: Interrupt request generated by low level of IRQ9 01: Interrupt request generated at falling edge of IRQ9 10: Interrupt request generated at rising edge of IRQ9 11: Interrupt request generated at both falling and rising edges of IRQ9 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |