Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663 Datasheet(PDF) 159 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 159 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 155Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 156Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 157Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 158Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 159Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 160Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 161Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 162Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 163Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 1158 page
background image
Section 5 Interrupt Controller
Rev.1.00 Jun. 07, 2006 Page 107 of 1102
REJ09B0294-0100
Bit
Bit Name
Initial
Value
R/W
Description
11
10
9
8
7
6
5
4
3
2
1
0
IRQ11F
IRQ10F
IRQ9F
IRQ8F
IRQ7F
IRQ6F
IRQ5F
IRQ4F
IRQ3F
IRQ2F
IRQ1F
IRQ0F
0
0
0
0
0
0
0
0
0
0
0
0
R/(W)*
R/(W)*
R/(W)*
R/(W)*
R/(W)*
R/(W)*
R/(W)*
R/(W)*
R/(W)*
R/(W)*
R/(W)*
R/(W)*
[Setting condition]
• When the interrupt selected by ISCR occurs
[Clearing conditions]
• Writing 0 after reading IRQnF = 1 (n = 11 to 0)
• When interrupt exception handling is executed while
low-level sensing is selected and
IRQn input is high
• When IRQn interrupt exception handling is executed
while falling-, rising-, or both-edge sensing is
selected
• When the DTC is activated by an IRQn interrupt,
and the DISEL bit in MRB of the DTC is cleared to 0
Note:
*
Only 0 can be written, to clear the flag.
5.3.7
Software Standby Release IRQ Enable Register (SSIER)
SSIER selects the IRQ interrupt used to leave software standby mode.
The IRQ interrupt used to leave software standby mode should not be set as the DTC activation
source.
Bit
Bit Name
Initial Value
R/W
15
SSI15
0
R/W
14
0
R/W
13
0
R/W
12
0
R/W
11
SSI11
0
R/W
10
SSI10
0
R/W
9
SSI9
0
R/W
8
SSI8
0
R/W
Bit
Bit Name
Initial Value
R/W
7
SSI7
0
R/W
6
SSI6
0
R/W
5
SSI5
0
R/W
4
SSI4
0
R/W
3
SSI3
0
R/W
2
SSI2
0
R/W
1
SSI1
0
R/W
0
SSI0
0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com