Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663 Datasheet(PDF) 152 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 152 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 148Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 149Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 150Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 151Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 152Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 153Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 154Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 155Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 156Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 1158 page
background image
Section 5 Interrupt Controller
Rev.1.00 Jun. 07, 2006 Page 100 of 1102
REJ09B0294-0100
Bit
Bit Name
Initial
Value
R/W
Description
3
0
R
Reserved
This is a read-only bit and cannot be modified.
2
1
0
IPR2
IPR1
IPR0
1
1
1
R/W
R/W
R/W
Sets the priority level of the corresponding interrupt
source.
000: Priority level 0 (lowest)
001: Priority level 1
010: Priority level 2
011: Priority level 3
100: Priority level 4
101: Priority level 5
110: Priority level 6
111: Priority level 7 (highest)
5.3.4
IRQ Enable Register (IER)
IER enables interrupt requests IRQ15, and IRQ11 to IRQ0.
Bit
Bit Name
Initial Value
R/W
15
IRQ15E
0
R/W
14
0
R/W
13
0
R/W
12
0
R/W
11
IRQ11E
0
R/W
10
IRQ10E
0
R/W
9
IRQ9E
0
R/W
8
IRQ8E
0
R/W
Bit
Bit Name
Initial Value
R/W
7
IRQ7E
0
R/W
6
IRQ6E
0
R/W
5
IRQ5E
0
R/W
4
IRQ4E
0
R/W
3
IRQ3E
0
R/W
2
IRQ2E
0
R/W
1
IRQ1E
0
R/W
0
IRQ0E
0
R/W
Bit
Bit Name
Initial
Value
R/W
Description
15
IRQ15E
0
R/W
IRQ15 Enable
The IRQ15 interrupt request is enabled when this bit is
1. IRQ15 is internally connected to the 32KOVI interrupt
in the TM32K.
14 to 12
All 0
R/W
Reserved
These bits are always read as 0. The write value should
always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com