Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663 Datasheet(PDF) 349 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 349 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 345Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 346Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 347Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 348Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 349Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 350Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 351Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 352Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 353Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 349 / 1158 page
background image
Section 6 Bus Controller (BSC)
Rev.1.00 Jun. 07, 2006 Page 297 of 1102
REJ09B0294-0100
(5) External NOP Cycles and Idle Cycles
A cycle in which an external space is not accessed due to internal operations is called an external
NOP cycle. Even when an external NOP cycle occurs between consecutive external bus cycles, an
idle cycle can be inserted. In this case, the number of external NOP cycles is included in the
number of idle cycles to be inserted.
Figure 6.94 shows an example of external NOP and idle cycle insertion.
T
1
T
2
T
3
T
pw
T
1
T
2
T
3
T
pw
T
i
T
i
Address bus
No external access
(NOP)
Specified number of idle cycles or more
including no external access cycles (NOP)
Idle cycle
(remaining)
Following bus cycle
Preceding bus cycle
(Condition: Number of idle cycles to be inserted when different reads continue: 4 cycles)
Data bus
B
φ
CS (area B)
CS (area A)
RD
Figure 6.94 Idle Cycle Insertion Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com