Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663 Datasheet(PDF) 345 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 345 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 341Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 342Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 343Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 344Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 345Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 346Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 347Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 348Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 349Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 345 / 1158 page
background image
Section 6 Bus Controller (BSC)
Rev.1.00 Jun. 07, 2006 Page 293 of 1102
REJ09B0294-0100
(1) Consecutive Reads in Different Areas
If consecutive reads in different areas occur while bit IDLS1 in IDLCR is set to 1, idle cycles
specified by bits IDLCA1 and IDLCA0 when bit IDLSELn in IDLCR is cleared to 0, or bits
IDLCB1 and IDLCB0 when bit IDLSELn is set to 1 are inserted at the start of the second read
cycle (n = 0 to 7).
Figure 6.90 shows an example of the operation in this case. In this example, bus cycle A is a read
cycle for ROM with a long output floating time, and bus cycle B is a read cycle for SRAM, each
being located in a different area. In (a), an idle cycle is not inserted, and a conflict occurs in bus
cycle B between the read data from ROM and that from SRAM. In (b), an idle cycle is inserted,
and a data conflict is prevented.
Data hold
time is long.
Data conflict
Bus cycle A
Bus cycle B
(a) No idle cycle inserted
(IDLS1 = 0)
(b) Idle cycle inserted
B
φ
Address bus
CS (area A)
CS (area B)
RD
Data bus
T
1
T
2
T
3
T
1
T
2
Bus cycle A
Bus cycle B
T
1
T
2
T
3
T
1
T
i
T
2
(IDLS1 = 1, IDLSELn = 0, IDLCA1 = 0, IDLCA0 = 0)
Figure 6.90 Example of Idle Cycle Operation (Consecutive Reads in Different Areas)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com