Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663 Datasheet(PDF) 351 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 351 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 347Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 348Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 349Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 350Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 351Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 352Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 353Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 354Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 355Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 351 / 1158 page
background image
Section 6 Bus Controller (BSC)
Rev.1.00 Jun. 07, 2006 Page 299 of 1102
REJ09B0294-0100
(7) Idle Cycle for Accessing to DRAM/SDRAM Space
In the following read cycles, when the DRAM/SDRAM space is accessed in a full access, the Tp
and Tr cycles are also counted as idle cycles.
Figures 6.96 and 6.97 show timing examples of full accesses to the DRAM/SDRAM space when
four idle cycles are inserted.
When accessing the DRAM/SDRAM space, the Ti cycles are inserted so that the sum of the
numbers of Tp (precharge), Tr (row address output), and Ti cycles satisfies the specified number
of idle cycles. The Ti cycles are inserted before the column address output cycle.
While the SDRAM space is accessed in a full access, the
CS2 signal is driven low even in an idle
cycle.
The idle cycle insertion is enabled even in a fast-page access in RAS down mode. The specified
number of idle cycles is inserted. Figure 6.98 shows a timing example of the idle cycle insertion in
RAS down mode.
B
φ
Address bus
RD
RAS
LLCAS
T
1
T
2
T
3
T
r
T
p
T
i
T
c1
T
i
T
c2
External space read
DRAM space read
Data bus
Figure 6.96 Example of DRAM Full Access after External Read (CAST = 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com