Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 238 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 238 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 234Page - Renesas Technology Corp R8C/20 Datasheet HTML 235Page - Renesas Technology Corp R8C/20 Datasheet HTML 236Page - Renesas Technology Corp R8C/20 Datasheet HTML 237Page - Renesas Technology Corp R8C/20 Datasheet HTML 238Page - Renesas Technology Corp R8C/20 Datasheet HTML 239Page - Renesas Technology Corp R8C/20 Datasheet HTML 240Page - Renesas Technology Corp R8C/20 Datasheet HTML 241Page - Renesas Technology Corp R8C/20 Datasheet HTML 242Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 501 page
background image
R8C/20 Group, R8C/21 Group
14. Timers
Rev.2.00 Aug 27, 2008
Page 222 of 458
REJ09B0250-0200
Figure 14.85
Operating Example of Reset Synchronous PWM Mode
Initial output “H”
Active level “L”
m
n
p
Value in TRD0 register
Count source
m + 1
TRDIOD0 output
q
m - n
TRDIOD1 output
m: Setting value in TRDGRA0 register
n: Setting value in TRDGRB0 register
p: Setting value in TRDGRA1 register
q: Setting value in TRDGRB1 register
Active level “L”
Set to 0 by a program
TRDIOB0 output
IMFA bit in
TRDSR0 register
1
0
IMFB bit in
TRDSR0 register
1
0
IMFA bit in
TRDSR1 register
1
0
IMFB bit in
TRDSR1 register
1
0
TSTARTi bit in
TRDSTR register
1
0
n + 1
TRDIOC1 output
TRDIOA1 output
m - q
m - p
TRDIOB1 output
TRDIOC0 output
p + 1
Initial output “H”
i = 0 or 1
The above applies to the following conditions:
The OLS1 and OLS0 bits in the TRDFCR register are set to 0. (initial output level “H”, active level “L”)
0000h
Set to 0 by a program
Set to 0 by a program
Set to 0 by a program
Transfer from the buffer register to the
general register at the buffer operation
Transfer from the buffer register to the
general register at the buffer operation
q + 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com