Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 237 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 237 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 233Page - Renesas Technology Corp R8C/20 Datasheet HTML 234Page - Renesas Technology Corp R8C/20 Datasheet HTML 235Page - Renesas Technology Corp R8C/20 Datasheet HTML 236Page - Renesas Technology Corp R8C/20 Datasheet HTML 237Page - Renesas Technology Corp R8C/20 Datasheet HTML 238Page - Renesas Technology Corp R8C/20 Datasheet HTML 239Page - Renesas Technology Corp R8C/20 Datasheet HTML 240Page - Renesas Technology Corp R8C/20 Datasheet HTML 241Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 501 page
background image
R8C/20 Group, R8C/21 Group
14. Timers
Rev.2.00 Aug 27, 2008
Page 221 of 458
REJ09B0250-0200
Figure 14.84
Registers TRDGRAi, TRDGRBi, TRDGRCi and TRDGRDi in Reset Synchronous PWM
Mode
The following registers are disabled in the reset synchronous PWM mode:
TRDPMR, TRDOCR, TRDDF0, TRDDF1, TRDIORA0, TRDIORC0, TRDPOCR0, TRDIORA1, TRDIORC1
and TRDPOCR1
BFC0, BFD0, BFC1, BFD1: Bits in TRDMR Register
Table 14.30
TRDGRji Register Functions in Reset Synchronous PWM Mode
Register
Setting
Register Function
PWM Output Pin
TRDGRA0
−
General register. Set the PWM period.
(Output inverted every
period of TRDIOC0 and
PWM pins)
TRDGRB0
−
General register. Set the changing point of
PWM1 output.
TRDIOB0
TRDIOD0
TRDGRC0
BFC0 = 0
(These registers are not used in reset
synchronous PWM mode.)
−
TRDGRD0
BFD0 = 0
TRDGRA1
−
General register. Set the changing point of
PWM2 output.
TRDIOA1
TRDIOC1
TRDGRB1
−
General register. Set the changing point of
PWM3 output.
TRDIOB1
TRDIOD1
TRDGRC1
BFC1 = 0
(These points are not used in reset
synchronous PWM mode.)
−
TRDGRD1
BFD1 = 0
TRDGRC0
BFC0 = 1
Buffer register. Set the next PWM period.
(Refer to 14.3.2 Buffer Operation)
(Output inverted every
period of TRDIOC0 and
PWM pins)
TRDGRD0
BFD0 = 1
Buffer register. Set the changing point of the
next PWM1 output.
(Refer to 14.3.2 Buffer Operation)
TRDIOB0
TRDIOD0
TRDGRC1
BFC1 = 1
Buffer register. Set the changing point of the
next PWM2 output.
(Refer to 14.3.2 Buffer Operation)
TRDIOA1
TRDIOC1
TRDGRD1
BFD1 = 1
Buffer register. Set the changing point of the
next PWM3 output.
(Refer to 14.3.2 Buffer Operation)
TRDIOB1
TRDIOD1
Timer RD General Register Ai, Bi, Ci and Di (i = 0 or 1)
(1)
Symbol
Address
After Reset
TRDGRA0
TRDGRB0
TRDGRC0
TRDGRD0
TRDGRA1
TRDGRB1
TRDGRC1
TRDGRD1
0149h-0148h
014Bh-014Ah
014Dh-014Ch
014Fh-014Eh
0159h-0158h
015Bh-015Ah
015Dh-015Ch
015Fh-015Eh
FFFFh
FFFFh
FFFFh
FFFFh
FFFFh
FFFFh
FFFFh
FFFFh
RW
NOTE:
1.
RW
Function
Refer to Table 14.30 TRDGRji Register Functions in Reset Synchronous PWM Mode
Access the TRDGRAi to TRDGRDi registers in 16-bit units. Do not access them in 8-bit units.
b0
b7
(b8)
b0
(b15)
b7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com