Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 235 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 235 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 231Page - Renesas Technology Corp R8C/20 Datasheet HTML 232Page - Renesas Technology Corp R8C/20 Datasheet HTML 233Page - Renesas Technology Corp R8C/20 Datasheet HTML 234Page - Renesas Technology Corp R8C/20 Datasheet HTML 235Page - Renesas Technology Corp R8C/20 Datasheet HTML 236Page - Renesas Technology Corp R8C/20 Datasheet HTML 237Page - Renesas Technology Corp R8C/20 Datasheet HTML 238Page - Renesas Technology Corp R8C/20 Datasheet HTML 239Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 501 page
background image
R8C/20 Group, R8C/21 Group
14. Timers
Rev.2.00 Aug 27, 2008
Page 219 of 458
REJ09B0250-0200
Figure 14.81
Registers TRDSR0 to TRDSR1 in Reset Synchronous PWM Mode
Timer RD Status Register i (i = 0 or 1)
Symbol
Address
After Reset
TRDSR0
TRDSR1
0143h
0153h
11100000b
11000000b
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
3.
—
(b7 - b6)
—
Nothing is assigned. If necessary, set to 0.
When read, the content is 1.
RW
OVF
UDF
Underflow flag(1)
This bit is disabled in reset synchronous PWM
mode.
RW
Input capture/compare match
flag C
[Source for setting this bit to 0]
Write 0 after read.(2)
[Source for setting this bit to 1]
When the value in the TRDi register matches w ith
the value in the TRDGRCi register.(3)
Nothing is assigned to the b5 in the TRDSR0 register. When w riting to the b5, w rite 0. When reading, its content is 1.
IMFC
RW
RW
Input capture/compare match
flag D
[Source for setting this bit to 0]
Write 0 after read.(2)
[Source for setting this bit to 1]
When the value in the TRDi register matches w ith
the value in the TRDGRDi register.(3)
Overflow flag
[Source for setting this bit to 0]
Write 0 after read.(2)
[Source for setting this bit to 1]
When the TRDi register overflow s.
RW
IMFB
RW
Input capture/compare match
flag A
[Source for setting this bit to 0]
Write 0 after read.(2)
[Source for setting this bit to 1]
When the value in the TRDi register matches
w ith the value in the TRDGRAi register.
Input capture/compare match
flag B
[Source for setting this bit to 0]
Write 0 after read.(2)
[Source for setting this bit to 1]
When the value in the TRDi register matches
w ith the value in the TRDGRBi register.
IMFA
b7 b6 b5 b4
Including w hen the BFji bit in the TRDMR register is set to 1 (TRDGRji is used as the buffer register).
The w riting results are as follow s:
• This bit is set to 0 w hen the read result is 1 and w riting 0 to the same bit.
• This bit remains unchanged even if the read result is 0 and w riting 0 to the same bit. (This bit remains 1 even if this
bit is set to 1 from 0 after reading, and w riting 0.)
• This bit remains unchanged w hen w riting 1.
b3 b2
IMFD
b1 b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com