Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 236 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 236 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 232Page - Renesas Technology Corp R8C/20 Datasheet HTML 233Page - Renesas Technology Corp R8C/20 Datasheet HTML 234Page - Renesas Technology Corp R8C/20 Datasheet HTML 235Page - Renesas Technology Corp R8C/20 Datasheet HTML 236Page - Renesas Technology Corp R8C/20 Datasheet HTML 237Page - Renesas Technology Corp R8C/20 Datasheet HTML 238Page - Renesas Technology Corp R8C/20 Datasheet HTML 239Page - Renesas Technology Corp R8C/20 Datasheet HTML 240Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 501 page
background image
R8C/20 Group, R8C/21 Group
14. Timers
Rev.2.00 Aug 27, 2008
Page 220 of 458
REJ09B0250-0200
Figure 14.82
Registers TRDIER0 to TRDIER1 in Reset Synchronous PWM Mode
Figure 14.83
TRD0 Registrar in Reset Synchronous PWM Mode
Timer RD Interrupt Enable Register i (i = 0 or 1)
Symbol
Address
After Reset
TRDIER0
TRDIER1
0144h
0154h
11100000b
11100000b
Bit Symbol
Bit Name
Function
RW
b3 b2
IMIED
b1 b0
b7 b6 b5 b4
RW
IMIEB
RW
Input capture/compare match
interrupt enable bit A
0 : Disable an interrupt (IMIA) by the
IMFA bit
1 : Enable an interrupt (IMIA) by the
IMFA bit
Input capture/compare match
interrupt enable bit B
0 : Disable an interrupt (IMIB) by the
IMFB bit
1 : Enable an interrupt (IMIB) by the
IMFB bit
IMIEA
Input capture/compare match
interrupt enable bit C
0 : Disable an interrupt (IMIC) by the
IMFC bit
1 : Enable an interrupt (IMIC) by the
IMFC bit
IMIEC
RW
RW
Input capture/compare match
interrupt enable bit D
0 : Disable an interrupt (IMID) by the
IMFD bit
1 : Enable an interrupt (IMID) by the
IMFD bit
Overflow /underflow interrupt enable
bit
0 : Disable an interrupt (OVI) by the
OVF bit
1 : Enable an interrupt (OVI) by the
OVF bit
RW
OVIE
—
(b7 - b5)
—
Nothing is assigned. If necessary, set to 0.
When read, the content is 1.
Timer RD Counter 0
(1,2)
Symbol
Address
After Reset
TRD0
0147h-0146h
0000h
Setting Range
RW
NOTES:
1.
2.
(b8)
b0
(b15)
b7
b0
b7
The TRD1 register is not used in reset synchronous PWM mode.
Function
Count a count source. Count operation is incremented.
When an overflow occurs, the OVF bit in the TRDSR0 register is set to 1.
0000h to FFFFh
RW
Access the TRD0 register in 16-bit units. Do not access it in 8-bit units.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com