Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 242 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 242 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 238Page - Renesas Technology Corp R8C/20 Datasheet HTML 239Page - Renesas Technology Corp R8C/20 Datasheet HTML 240Page - Renesas Technology Corp R8C/20 Datasheet HTML 241Page - Renesas Technology Corp R8C/20 Datasheet HTML 242Page - Renesas Technology Corp R8C/20 Datasheet HTML 243Page - Renesas Technology Corp R8C/20 Datasheet HTML 244Page - Renesas Technology Corp R8C/20 Datasheet HTML 245Page - Renesas Technology Corp R8C/20 Datasheet HTML 246Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 501 page
background image
R8C/20 Group, R8C/21 Group
14. Timers
Rev.2.00 Aug 27, 2008
Page 226 of 458
REJ09B0250-0200
Figure 14.88
TRDMR Register in Complementary PWM Mode
Timer RD Mode Register
Symbol
Address
After Reset
TRDMR
0138h
00001110b
Bit Symbol
Bit Name
Function
RW
RW
BFC1
BFD1
TRDGRD1 register function selection
bit
0 : General register
1 : Buffer register of TRDGRB1 register
RW
TRDGRC0 register function selection
bit
Set this bit to 0 (general register) in
complementary PWM mode.
BFC0
RW
RW
TRDGRD0 register function selection
bit
0 : General register
1 : Buffer register of TRDGRB0 register
TRDGRC1 register function selection
bit
0 : General register
1 : Buffer register of TRDGRA1 register
RW
—
(b3 - b1)
—
Timer RD synchronous bit
Set this bit to 0 (The TRD0 and TRD1
registers operate independently.) in
complementary PWM mode.
Nothing is assigned. If necessary, set to 0.
When read, the content is 1.
0
b7 b6 b5 b4 b3 b2
BFD0
b1 b0
0
SYNC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com