Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 243 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 243 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 239Page - Renesas Technology Corp R8C/20 Datasheet HTML 240Page - Renesas Technology Corp R8C/20 Datasheet HTML 241Page - Renesas Technology Corp R8C/20 Datasheet HTML 242Page - Renesas Technology Corp R8C/20 Datasheet HTML 243Page - Renesas Technology Corp R8C/20 Datasheet HTML 244Page - Renesas Technology Corp R8C/20 Datasheet HTML 245Page - Renesas Technology Corp R8C/20 Datasheet HTML 246Page - Renesas Technology Corp R8C/20 Datasheet HTML 247Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 501 page
background image
R8C/20 Group, R8C/21 Group
14. Timers
Rev.2.00 Aug 27, 2008
Page 227 of 458
REJ09B0250-0200
Figure 14.89
TRDFCR Register in Complementary PWM Mode
Timer RD Function Control Register
Symbol
Address
After Reset
TRDFCR
013Ah
10000000b
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
3.
4. When bits CMD1 to CMD0 are set to 00b (timer mode, PWM mode, or PWM3 mode), the setting of the PWM3 bit is
enabled.
b3 b2
OLS1
b1 b0
b7 b6 b5 b4
RW
CMD1
RW
Combination mode selection bit(1,2)
b1 b0
1 0 : Complementary PWM mode
(transfer from the
buffer register to the general
register at the underflow in
the TRD1 register.)
1 1 : Complementary PWM mode
(transfer from the
buffer register to the general
register at the compare match w ith
the TRD0 and TRDGRA0 registers.)
Other than above : Do not set
CMD0
Normal-phase output level selection
bit (in reset synchronous PWM mode
or complementary PWM mode)
0 : Initial output “H”
Active level “L”
1 : Initial output “L”
Active level “H”
Set bits CMD1 to CMD0 w hen both the TSTART0 and TSTART1 bits in the TRDSTR register are set to 0 (count stops).
OLS0
RW
RW
Counter-phase output level selection
bit (in reset synchronous PWM mode
or complementary PWM mode)
0 : Initial output “H”
Active level “L”
1 : Initial output “L”
Active level “H”
A/D trigger enable bit
(in complementary PWM mode)
0 : Disable A/D trigger
1 : Enable A/D trigger(3)
RW
PWM3
RW
ADTRG
ADEG
A/D trigger edge selection bit
(in complementary PWM mode)
0 : A/D trigger is generated at the
compare match in the TRD0 and
TRDGRA0 register
1 : A/D trigger is generated at the
underflow in the TRD1
register
RW
PWM3 mode selection bit(4)
This bit is disabled in complementary PWM
mode.
Set the ADCAP bit in the ADC0N0 register to 1 (starts by timer RD).
When setting bits CMD1 to CMD0 to 10b or 11b, the MCU enters complementary PWM mode in spite of the setting of
the TRDPMR register.
STCLK
External clock input selection bit
0 : External clock input disabled
1 : External clock input enabled
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com