Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 246 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 246 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 242Page - Renesas Technology Corp R8C/20 Datasheet HTML 243Page - Renesas Technology Corp R8C/20 Datasheet HTML 244Page - Renesas Technology Corp R8C/20 Datasheet HTML 245Page - Renesas Technology Corp R8C/20 Datasheet HTML 246Page - Renesas Technology Corp R8C/20 Datasheet HTML 247Page - Renesas Technology Corp R8C/20 Datasheet HTML 248Page - Renesas Technology Corp R8C/20 Datasheet HTML 249Page - Renesas Technology Corp R8C/20 Datasheet HTML 250Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 501 page
background image
R8C/20 Group, R8C/21 Group
14. Timers
Rev.2.00 Aug 27, 2008
Page 230 of 458
REJ09B0250-0200
Figure 14.92
Registers TRDSR0 to TRDSR1 in Complementary PWM Mode
Timer RD Status Register i (i = 0 or 1)
Symbol
Address
After Reset
TRDSR0
TRDSR1
0143h
0153h
11100000b
11000000b
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
3.
b3 b2
IMFD
b1 b0
b7 b6 b5 b4
RW
IMFB
RW
Input capture/compare match flag A
[Source for setting this bit to 0]
Write 0 after read.(2)
[Source for setting this bit to 1]
When the value in the TRDi register
matches w ith the value in the TRDGRAi
register.
Input capture/compare match flag B
[Source for setting this bit to 0]
Write 0 after read.(2)
[Source for setting this bit to 1]
When the value in the TRDi register
matches w ith the value in the TRDGRBi
register.
IMFA
Input capture/compare match flag C
[Source for setting this bit to 0]
Write 0 after read.(2)
[Source for setting this bit to 1]
When the value in the TRDi register
matches w ith the value in the TRDGRCi
register.(3)
Nothing is assigned to the bit 5 in the TRDSR0 register. When w riting to the bit 5, w rite 0. When reading, its content is
1.
IMFC
RW
RW
Input capture/compare match flag D
[Source for setting this bit to 0]
Write 0 after read.(2)
[Source for setting this bit to 1]
When the value in the TRDi register
matches w ith the value in the TRDGRDi
register.(3)
Overflow flag
[Source for setting this bit to 0]
Write 0 after read.(2)
[Source for setting this bit to 1]
When the TRDi register overflow s.
RW
OVF
UDF
Underflow flag(1)
[Source for setting this bit to 0]
Write 0 after read.(2)
[Source for setting this bit to 1]
When the TRD1 register underflow s.
RW
Including w hen the BFji (j = C or D) bit in the TRDMR register is set to 1 (TRDGRji is used as the buffer register).
—
(b7 - b6)
—
Nothing is assigned. If necessary, set to 0.
When read, the content is 1.
The w riting results are as follow s:
• This bit is set to 0 w hen the read result is 1 and w riting 0 to the same bit.
• This bit remains unchanged even if the read result is 0 and w riting 0 to the same bit. (This bit remains 1 even if this
bit is set to 1 from 0 after reading, and w riting 0.)
• This bit remains unchanged w hen w riting 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com