Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 247 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 247 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 243Page - Renesas Technology Corp R8C/20 Datasheet HTML 244Page - Renesas Technology Corp R8C/20 Datasheet HTML 245Page - Renesas Technology Corp R8C/20 Datasheet HTML 246Page - Renesas Technology Corp R8C/20 Datasheet HTML 247Page - Renesas Technology Corp R8C/20 Datasheet HTML 248Page - Renesas Technology Corp R8C/20 Datasheet HTML 249Page - Renesas Technology Corp R8C/20 Datasheet HTML 250Page - Renesas Technology Corp R8C/20 Datasheet HTML 251Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 501 page
background image
R8C/20 Group, R8C/21 Group
14. Timers
Rev.2.00 Aug 27, 2008
Page 231 of 458
REJ09B0250-0200
Figure 14.93
Registers TRDIER0 to TRDIER1 in Complementary PWM Mode
Timer RD Interrupt Enable Register i (i = 0 or 1)
Symbol
Address
After Reset
TRDIER0
TRDIER1
0144h
0154h
11100000b
11100000b
Bit Symbol
Bit Name
Function
RW
RW
OVIE
—
(b7 - b5)
—
Nothing is assigned. If necessary, set to 0.
When read, the content is 1.
Input capture/compare match
interrupt enable bit C
0 : Disable an interrupt (IMIC) by the
IMFC bit
1 : Enable an interrupt (IMIC) by the
IMFC bit
IMIEC
RW
RW
Input capture/compare match
interrupt enable bit D
0 : Disable an interrupt (IMID) by the
IMFD bit
1 : Enable an interrupt (IMID) by the
IMFD bit
Overflow /underflow interrupt enable
bit
0 : Disable an interrupt (OVI) by the
OVF and UDF bits
1 : Enable an interrupt (OVI) by the
OVF and UDF bits
RW
IMIEB
RW
Input capture/compare match
interrupt enable bit A
0 : Disable an interrupt (IMIA) by the
IMFA bit
1 : Enable an interrupt (IMIA) by the
IMFA bit
Input capture/compare match
interrupt enable bit B
0 : Disable an interrupt (IMIB) by the
IMFB bit
1 : Enable an interrupt (IMIB) by the
IMFB bit
IMIEA
b7 b6 b5 b4 b3 b2
IMIED
b1 b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com