Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 248 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 248 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 244Page - Renesas Technology Corp R8C/20 Datasheet HTML 245Page - Renesas Technology Corp R8C/20 Datasheet HTML 246Page - Renesas Technology Corp R8C/20 Datasheet HTML 247Page - Renesas Technology Corp R8C/20 Datasheet HTML 248Page - Renesas Technology Corp R8C/20 Datasheet HTML 249Page - Renesas Technology Corp R8C/20 Datasheet HTML 250Page - Renesas Technology Corp R8C/20 Datasheet HTML 251Page - Renesas Technology Corp R8C/20 Datasheet HTML 252Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 501 page
background image
R8C/20 Group, R8C/21 Group
14. Timers
Rev.2.00 Aug 27, 2008
Page 232 of 458
REJ09B0250-0200
Figure 14.94
Registers TRD0 to TRD1 in Complementary PWM Mode
Figure 14.95
Registers TRDGRAi, TRDGRBi, TRDGRC1 and TRDGRDi in Complementary PWM
Mode
The following registers are disabled in the complementary PWM mode:
TRDPMR, TRDOCR, TRDDF0, TRDDF1, TRDIORA0, TRDIORC0, TRDPOCR0, TRDIORA1, TRDIORC1
and TRDPOCR1
Timer RD Counter 0
(1)
Symbol
Address
After Reset
TRD0
0147h-0146h
0000h
Setting Range
RW
NOTE:
1.
Function
Set the dead time.
Count a count source. Count operation is incremented or decremented.
When an overflow occurs, the OVF bit in the TRDSR0 register is set to 1.
0000h to FFFFh
RW
Access the TRD0 register in 16-bit units. Do not access it in 8-bit units.
b0
b7
(b8)
b0
(b15)
b7
Timer RD Counter 1
(1)
Symbol
Address
After Reset
TRD1
0157h-0156h
0000h
Setting Range
RW
NOTE:
1.
(b8)
b0
(b15)
b7
Access the TRD1 register in 16-bit units. Do not access it in 8-bit units.
b0
b7
Function
Select 0000h.
Count a count source. Count operation is incremented or decremented.
When an underflow occurs, the UDF bit in the TRDSR1 register is set to 1.
0000h to FFFFh
RW
Timer RD General Register Ai, Bi, C1 and Di (i = 0 or 1)
(1,2)
Symbol
Address
After Reset
TRDGRA0
TRDGRB0
TRDGRD0
TRDGRA1
TRDGRB1
TRDGRC1
TRDGRD1
0149h-0148h
014Bh-014Ah
014Fh-014Eh
0159h-0158h
015Bh-015Ah
015Dh-015Ch
015Fh-015Eh
FFFFh
FFFFh
FFFFh
FFFFh
FFFFh
FFFFh
FFFFh
RW
NOTES:
1.
2. The TRDGRC0 register is not used in complementary PWM mode.
RW
Function
Refer to Table 14.32 TRDGRji Register Functions in Com plem entary PWM Mode
Access the TRDGRAi to TRDGRDi registers in 16-bit units. Do not access them in 8-bit units.
b0
b7
(b8)
b0
(b15)
b7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com