Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS7150 Datasheet(PDF) 134 Page - ams-OSRAM AG

Part # AS7150
Description  Optical force sensing analog front end
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7150 Datasheet(HTML) 134 Page - ams-OSRAM AG

Back Button AS7150 Datasheet HTML 130Page - ams-OSRAM AG AS7150 Datasheet HTML 131Page - ams-OSRAM AG AS7150 Datasheet HTML 132Page - ams-OSRAM AG AS7150 Datasheet HTML 133Page - ams-OSRAM AG AS7150 Datasheet HTML 134Page - ams-OSRAM AG AS7150 Datasheet HTML 135Page - ams-OSRAM AG AS7150 Datasheet HTML 136Page - ams-OSRAM AG AS7150 Datasheet HTML 137Page - ams-OSRAM AG AS7150 Datasheet HTML 138Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 159 page
background image
AS7150
Register description
Datasheet • PUBLIC • Document Feedback
DS001130 • v3-00 • 2026-Jan-26
134 / 159
/
8.12.22
AOC_CFG register (Address 0x85)
Table 116: AOC_CFG register
Addr: 0x85
AOC_CFG
Bit
Bit name
Default
Access
Bit description
4
dis_ledoff
0
R/W
This register disables the utilization of the
aos_ledoff ambient light compensation offset
current register value to be used during the
LED off measurement phase for double and
triple sampling measurement mode. Instead,
the photodiode offset value of the subsample
is used during LED off phase for double and
triple measurement.
0: Register aoc_ledoff value used during
LED off phase for double and triple sampling
1: Register aoc_ledoff not used during LED
off phase for double and triple sampling
2:0
aoc_ovs
0
R/W
This register controls the AOC ADC
oversampling filter function whose input
signal is the decimation filter output of the
ADC modulator. The oversampling ratio is
calculated with the numerical register value
of aoc_ovs register to the power of two.
Please find the calculation formula below:
������������������������������������������������ = 2
aoc_ovs
8.12.23
AOC_MOD1_THH register (Address 0x86)
Table 117: AOC_MOD1_THH register
Addr: 0x86
AOC_MOD1_THH
Bit
Bit name
Default
Access
Bit description
7:0
aoc_mod1_thh
255
R/W
This is the AOC high threshold register for
decreasing the ambient light offset current
for all subsamples for ADC modulator 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com