Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP255CAL3 Datasheet(PDF) 209 Page - STMicroelectronics

Part # STM32MP255CAL3
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP255CAL3 Datasheet(HTML) 209 Page - STMicroelectronics

Back Button STM32MP255CAL3 Datasheet HTML 205Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 206Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 207Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 208Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 209Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 210Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 211Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 212Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 213Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 241 page
background image
6.3.37.5
USB2PHY Characteristics
Table 121. USB high-speed PHY characteristics
Specified by design, not tested in production unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
RTXRTUNE
External resistor on
TXRTUNE
Connected to ground
198
200
202
Ω
IVDDCORE(USB2
PHY)
(1)
Supply current on
VDDCORE
HS transmit, maximum transition density(2)
-
10
27
mA
HS transmit, minimum transition density(3)
-
8.15
23.5
HS idle(4)
-
9.25
23
FS transmit, maximum transition density(5)
-
9.2
27.5
LS transmit, maximum transition density(6)
-
7.85
20
Suspend(7)
-
0.038
6.05
Sleep(8)
-
2.45
13
Battery charging
VDATDETENB = 0,
VDATSRCENB = 1(9)
-
2.4
11.5
VDATDETENB = 1,
VDATSRCENB = 1
-
4.75
15.5
IVDDA18USB(1)
Supply current on
VDDA1V8USB
HS transmit, maximum transition density(2)
-
16.5
18.5
mA
HS transmit, minimum transition density(3)
-
14.5
15.5
HS idle(4)
-
4.9
5.85
FS transmit, maximum transition density(5)
-
4.9
5.9
LS transmit, maximum transition density(6)
-
5.1
6.15
Suspend(7)
-
0.024
0.0945
Sleep(8)
-
0.031
0.0945
Battery charging
VDATDETENB = 0,
VDATSRCENB = 1(9)
-
3.55
4.55
VDATDETENB = 1,
VDATSRCENB = 1
-
4.3
5.4
IVDD33USB(1)
Supply current on
VDD33USB
HS transmit, maximum transition density(2)
-
3.05
3.2
mA
HS transmit, minimum transition density(3)
-
2.2
2.55
HS idle(4)
-
2.1
2.4
FS transmit, maximum transition density(5)
-
12.5
16
LS transmit, maximum transition density(6)
-
12
16.5
Suspend(7)
-
0.029
0.0785
Sleep(8)
-
0.067
0.115
Battery charging
VDATDETENB = 0,
VDATSRCENB = 1(9)
-
2.1
2.4
VDATDETENB = 1,
VDATSRCENB = 1
-
2.1
2.4
1. Evaluated by characterization, not tested in production.
2. Packet transmission by one transceiver operating in device mode while driving all 0s data (constant JKJK on DP/DM). Loading of 10 pF.
Transfers do not include any interpacket delay.
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Electrical characteristics
DS14284 - Rev 3
page 209/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com