Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP255CAL3 Datasheet(PDF) 211 Page - STMicroelectronics

Part # STM32MP255CAL3
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP255CAL3 Datasheet(HTML) 211 Page - STMicroelectronics

Back Button STM32MP255CAL3 Datasheet HTML 207Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 208Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 209Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 210Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 211Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 212Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 213Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 214Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 215Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 241 page
background image
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IVDDA18COMBOPHY
Supply current on
VDDA18COMBOPHY
P1 mode
5 Gbps
mA
-
8.4
11.5
2.5 Gbps
-
8.4
11.5
P1.CPM
-
-
2.35
2.75
P1.1
-
-
2.2
2.55
P1.2
-
-
0.375 0.785
P2
-
-
14
16.5
P2.CPM
-
-
0.54
0.985
Power down
-
-
0.01 0.0305
NFTS(1)
Minimum number of FTS ordered sets that must be sent for retraining when
transitioning from P0s to P0
48
-
-
FTS
tP0s_to_P0
Time from pipe powerdown change to P0
5 Gbps
-
-
48
ns
2.5 Gbps
-
-
96
tP1_to_P0
Time from pipe powerdown change to P0
5 Gbps
-
-
0.9
μs
2.5 Gbps
-
-
1.8
tP2_to_P0
Time from pipe powerdown change to P0
100 MHz
reference clock
-
-
260
μs
tP0_to_P2
Time from pipe powerdown change to P2
-
-
-
250
ns
tP2_to_P1
Time from pipe powerdown change to P1
100 MHz
reference clock
-
-
255
μs
tReset_to_ready
Time from pipe reset de-assertion to PHY
acknowledgment
100 MHz
reference clock
-
-
255
-
tMPLL_lock
Time from phy_mpll_en assertion to when
phy_mpll_state is high
100 MHz
reference clock
-
-
15
μs
tResistor_tuning
Time to complete a resistor tune
-
-
-
8
-
tCommon_mode
Time to establish Common mode when exiting reset or P2 state
-
-
240
μs
tP1.1_to_P1
Time from macN_pclkreq_n assertion to pipeN_clkreq_n assertion
-
-
15
-
tP1.2_to_P1
Time from macN_pclkreq_n assertion to pipeN_clkreq_n assertion
-
-
15
μs
tP1.2_to_P1_to_P0
Time from macN_pclkreq_n assertion to pipeN_clkreq_n assertion and
pipeN_powerdown request to P0 until PHY acknowledgment
-
-
16.8
-
tP1.CPM_to_P1
Time from macN_pclkreq_n assertion to pipeN_clkreq_n assertion
-
-
15
μs
tCOMMON_MODE_REC
Time for the Common mode voltage to be reached on pins while
transmitting in Recovery mode. This parameter applies to an exit from P1.2
through P1 to P0 (Recovery) and represents the extra time in which the
MAC is required to send TS1 ordered sets.
-
-
55
μs
1. Specified by design, not tested in production.
Table 123. PCIE REFCLKGEN characteristics
Evaluated by characterization, not tested in production unless otherwise specified.
Symbol(1)
Parameter
Conditions
Min
Typ Max Unit
IVDDPCIECLK Power consumption on VDDPCIECLK
100 MHz clock
-
-
3
mA
ZO
Single ended output impedance
IMP_CTRL = 0b11000
52
61
70
Ω
IMP_CTRL = 0b11001
48
56.5
65
IIMP_CTRL = 0b11010
45
53
64
IMP_CTRL = 0b11011 (default)
42
49.5 57.5
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Electrical characteristics
DS14284 - Rev 3
page 211/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com