Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP255CAL3 Datasheet(PDF) 213 Page - STMicroelectronics

Part # STM32MP255CAL3
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP255CAL3 Datasheet(HTML) 213 Page - STMicroelectronics

Back Button STM32MP255CAL3 Datasheet HTML 209Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 210Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 211Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 212Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 213Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 214Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 215Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 216Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 217Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 241 page
background image
1.
2. PCIE_CLKOUTP and PCIE_CLKOUTN are to be measured at the load capacitors CL. Single ended probes must be used
for measurements requiring single ended measurements. Either single ended probes with math or differential probe can be
used for differential measurements. Test load CL = 2 pF.
3. Measured from -150 mV to +150 mV on the differential waveform (derived from PCIE_CLKOUTP minus PCIE_CLKOUTN).
The signal must be monotonic through the measurement region for rise and fall time. The 300 mV measurement window is
centered on the differential zero crossing.
4. Measurement taken from differential waveform.
5. Refers to the total variation from the lowest crossing point to the highest, regardless of which edge is crossing. Refers to all
crossing points for this measurement.
6. Measured at crossing point where the instantaneous voltage value of the rising edge of PCIE_CLKOUTP equals the falling
edge of PCIE_CLKOUTN.
7. Measurement taken from single ended waveform.
8. Defined as the total variation of all crossing voltages of rising PCIE_CLKOUTP and falling PCIE_CLKOUTN. This is the
maximum allowed variance in VCROSS for any particular system.
9. Matching applies to rising edge rate for PCIE_CLKOUTP and falling edge rate for PCIE_CLKOUTN. It is measured using a
± 75 mV window centered on the median cross point where PCIE_CLKOUTP rising meets PCIE_CLKOUTN falling. The
median cross point is used to calculate the voltage thresholds the oscilloscope is to use for the edge rate calculations. The
rise edge rate of PCIE_CLKOUTP should be compared to the fall edge rate of PCIE_CLKOUTN, the maximum allowed
difference should not exceed 20% of the slowest edge rate.
6.3.37.7
UCPDPHY Characteristics
Table 124. UCPDPHY characteristics
Evaluated by characterization, not tested in production unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fBITRATE
Bit rate (ensured by adequate RCC and UCPD settings)
270
300
330
Kbps
CRECEIVER Local capacitance added on PCB on each CC line
200
470
600
pF
TRANSMITTER
VSWING
Voltage swing applies on CC pin to both no load condition and under the load
condition.
1.05
1.125
1.2
V
ZDRIVER
TX output impedance. Source output impedance at the Nyquist frequency of
USB2.0 low speed (750 kHz) while the source is driving the CC line.
33
-
75
Ω
Tr / Tf
Rise / Fall Time. 10% to 90% / 90% to 10% amplitude points, minimum is under
an unloaded condition. Maximum set by TX mask.
300
-
735
ns
DCYCLE
TX duty cycle at 0.5625 V (see Y5Tx , BMC Tx 'ONE' mask and BMC Tx 'ZERO'
mask in the PD Specification)(1)
47
-
53
%
RECEIVER
VIL
Rx receive input thresholds. The position of the center line of the
inner mask is dependent on whether the receiver is sourcing or
sinking power or is power neutral(1)
sourcing power
-
-
0.4825
V
VIH
0.8925
-
-
VIL
sinking power
-
-
0.2325
V
VIH
0.6425
-
-
Hysteresis Rx receive input hysteresis
0.15
-
-
NCOUNT(2)
Number of transitions for signal detection (number to count to detect non-idle
bus).
3
-
-
-
tTRANWIN(2) Time window for detecting non-idle bus.
12
-
20
µs
ZBMCRX(3)
Receiver input impedance
1
-
-
MΩ
1. Refer to the "USB Power Delivery (PD) Specification" Revision 3.1, Version 1.8.
2. BMC packet collision is avoided by the detection of signal transitions at the receiver. Detection is active when a minimum of
NCOUNT transitions occur at the receiver within a time window of tTRANWIN. After waiting tTRANWIN without detecting
NCOUNT transitions, the bus is declared idle. This times are informative for UCPDPHY as it is done digitally inside UCPD
Peripheral.
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Electrical characteristics
DS14284 - Rev 3
page 213/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com