Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP255CAL3 Datasheet(PDF) 206 Page - STMicroelectronics

Part # STM32MP255CAL3
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP255CAL3 Datasheet(HTML) 206 Page - STMicroelectronics

Back Button STM32MP255CAL3 Datasheet HTML 202Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 203Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 204Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 205Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 206Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 207Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 208Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 209Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 210Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 241 page
background image
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IVDDA18DDR(1)
Supply current on VDDA18DDR
Idle
mA
-
4.3
-
DFI_LP
-
4.3
-
Inactive
-
0.12
0.16
Retention(2)
OFF
IVDDQDDR(1)
Supply current on VDDQDDR
Read
-
125
150
mA
Write
-
480
545
Idle
-
49.5
57.5
DFI_LP
-
2.6
4.85
Inactive
-
0.11
1.75
Retention(2)
-
0.0185
1.55
LPDDR4, 2400 Mbps, 16
‑bit, 10 ACx4, 1 Rank, DBI off
IVDDCORE(DDRPHY)(1)
Supply current on VDDCORE
Read
-
91
160
mA
Write
-
110
185
Idle
-
59.5
120
DFI_LP
-
22
70
Inactive
-
3.65
70.5
Retention(2)
OFF
IVDDA18DDR(1)
Supply current on VDDA18DDR
Read
-
4.3
-
mA
Write
-
4.3
-
Idle
-
4.3
-
DFI_LP
-
4.3
-
Inactive
-
0.12
0.16
Retention(2)
OFF
IVDDQDDR(1)
Supply current on VDDQDDR
Read
-
110
125
mA
Write
-
285
325
Idle
-
48.5
56
DFI_LP
-
1.7
3.2
Inactive
-
0.11
1.25
Retention(2)
-
0.0185
1.1
Low
‑power exit latency
tEXIT
Exit latency from DFI_LP state
-
-
2
-
DFI_
CLK
Exit latency from inactive state
DDR3L, DDR4
-
3
-
μs
LPDDR4
-
3 + 2560
DDR_CL
K
-
Exit latency from retention state after
supplies restored
DDR3L, DDR4
-
3
-
LPDDR4
-
3 + 2560
DDR_CL
K
-
1. Evaluated by characterization, not tested in production.
2. VDDCORE OFF, VDDA18DDR OFF.
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Electrical characteristics
DS14284 - Rev 3
page 206/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com