Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP255CAL3 Datasheet(PDF) 202 Page - STMicroelectronics

Part # STM32MP255CAL3
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP255CAL3 Datasheet(HTML) 202 Page - STMicroelectronics

Back Button STM32MP255CAL3 Datasheet HTML 198Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 199Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 200Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 201Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 202Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 203Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 204Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 205Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 206Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 241 page
background image
6.3.36.9
USART (SPI mode) interface characteristics
Unless otherwise specified, the parameters given in Table 116 for USART are derived from tests performed under
the ambient temperature, frequency and supply voltage conditions summarized in Table 116 , with the following
configuration:
•
Output speed is set to OSPEEDRy[1:0] = 11
•
Capacitive load C = 30 pF
•
Measurement points are done at CMOS levels: 0.5 × VDD
•
I/O compensation cell enabled
•
VDDxVRSEL activated when VDDx ≤ 2.7 V
Refer to Section 6.3.16: I/O port characteristics for more details on the input/output alternate function
characteristics (NSS, CK, TX, RX for USART).
Table 116. USART (SPI mode) characteristics
Evaluated by characterization, not tested in production unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fCK
USART clock frequency
SPI master mode
-
-
16.5
MHz
SPI slave mode
-
-
33
SPI slave receiver mode
-
-
44
tsu(NSS)
NSS setup time
SPI slave mode
tker + 4(1)
-
-
ns
th(NSS)
NSS hold time
SPI slave mode
1
-
-
ns
tw(CKH), tw(CKL)
CK high and low time
SPI master mode
1 / fCK / 2 - 1
1 / fCK / 2
1 / fCK / 2 + 1
ns
tsu(RX)
Data input setup time
SPI master mode
13
-
-
ns
SPI slave mode
5
-
-
th(RX)
Data input hold time
SPI master mode
0
-
-
ns
SPI slave mode
0.5
-
-
tv(TX)
Data output valid time
SPI slave mode
-
13.5
14
ns
SPI master mode
-
4
4.5
th(TX)
Data output hold time
SPI slave mode
7
-
-
ns
SPI master mode
1
-
-
1. tker is the usart_ker_ck_pres clock period defined in the product reference manual.
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Electrical characteristics
DS14284 - Rev 3
page 202/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com