Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP255CAL3 Datasheet(PDF) 200 Page - STMicroelectronics

Part # STM32MP255CAL3
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP255CAL3 Datasheet(HTML) 200 Page - STMicroelectronics

Back Button STM32MP255CAL3 Datasheet HTML 196Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 197Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 198Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 199Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 200Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 201Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 202Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 203Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 204Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 241 page
background image
6.3.36.7
FDCAN (controller area network) interface
Refer to Section 6.3.16: I/O port characteristics for more details on the input/output alternate function
characteristics (FDCANx_TX and FDCANx_RX).
6.3.36.8
Ethernet (ETH) characteristics
Unless otherwise specified, the parameters given in Table 113, Table 114 and Table 115 for ETH interface are
derived from tests performed under the ambient temperature, frequency and supply voltage conditions
summarized in Table 17. General operating conditions, with the following configuration:
•
Output speed is set to OSPEEDRy[1:0] = 00 (MII or RMII timings), 11 (MDIO/SMA, RGMII or RGMII-ID
timings)
•
Capacitive load C = 20 pF
•
Measurement points are done at CMOS levels: 0.5 × VDD
•
I/O compensation cell enabled
•
VDDxVRSEL activated when VDDx ≤ 2.7 V
Refer to Section 6.3.16: I/O port characteristics for more details on the input/output characteristics.
Table 113. Ethernet MAC timings for MDIO/SMA
Evaluated by characterization, not tested in production unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tMDC
MDC cycle time (2.5 MHz)
-
-
400
-
ns
td(MDIO)
Write data valid time
-
0
1
2
tsu(MDIO)
Read data setup time
-
8
-
-
th(MDIO)
Read data hold time
-
0
-
-
Figure 58. Ethernet MDIO/SMA timing diagram
ETH_MDC
ETH_MDIO(O)
ETH_MDIO(I)
tMDC
td(MDIO)
tsu(MDIO)
th(MDIO)
Table 114. Ethernet MAC timings for RMII
Evaluated by characterization, not tested in production unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tsu(RXD)
Receive data setup time
-
2.5
-
-
ns
tih(RXD)
Receive data hold time
-
1.5
-
-
tsu(CRS)
Carrier sense setup time
-
1.5
-
-
tih(CRS)
Carrier sense hold time
-
1.5
-
-
td(TXEN)
Transmit enable valid delay time
-
7.5
11.5
12.5
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Electrical characteristics
DS14284 - Rev 3
page 200/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com