Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP255CAL3 Datasheet(PDF) 196 Page - STMicroelectronics

Part # STM32MP255CAL3
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP255CAL3 Datasheet(HTML) 196 Page - STMicroelectronics

Back Button STM32MP255CAL3 Datasheet HTML 192Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 193Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 194Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 195Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 196Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 197Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 198Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 199Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 200Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 241 page
background image
6.3.36.5
SAI interface characteristics
Unless otherwise specified, the parameters given in Table 109 for SAI are derived from tests performed under the
ambient temperature, frequency and supply voltage conditions summarized in Table 17. General operating
conditions , with the following configuration:
•
Output speed is set to OSPEEDRy[1:0] = 10
•
Capacitive load C = 30 pF
•
Measurement points are performed at CMOS levels: 0.5 × VDD
•
I/O compensation cell enabled
•
VDDxVRSEL activated when VDDx ≤ 2.7 V
Refer to Section 6.3.16: I/O port characteristics for more details on the input/output alternate function
characteristics (SCK,SD,WS).
Table 109. SAI characteristics
Evaluated by characterization, not tested in production unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fMCK
SAI main clock output
-
-
-
50
MHz
fCK
SAI bit clock frequency(1)
Master transmitter
-
-
38
MHz
Master receiver
-
-
34
Slave transmitter
-
-
40
Slave receiver
-
-
50
tv(FS)
FS valid time
Master mode
-
-
13
ns
tsu(FS)
FS setup time
Slave mode
9
-
-
th(FS)
FS hold time
Master mode
5.5
-
-
Slave mode
1
-
-
tsu(SD_A_MR)
Data input setup time
Master receiver
5.5
-
-
tsu(SD_B_SR)
Slave receiver
5.5
-
-
th(SD_A_MR)
Data input hold time
Master receiver
1
-
-
th(SD_B_SR)
Slave receiver
1
-
-
tv(SD_B_ST)
Data output valid time
Slave transmitter (after enable edge)
-
-
12.5
th(SD_B_ST)
Data output hold time
Slave transmitter (after enable edge)
8
-
-
tv(SD_A_MT)
Data output valid time
Master transmitter (after enable edge)
-
-
12.5
th(SD_A_MT)
Data output hold time
Master transmitter (after enable edge)
8.8
-
-
1. APB clock frequency must be at least twice SAI clock frequency.
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Electrical characteristics
DS14284 - Rev 3
page 196/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com