Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP255CAL3 Datasheet(PDF) 198 Page - STMicroelectronics

Part # STM32MP255CAL3
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP255CAL3 Datasheet(HTML) 198 Page - STMicroelectronics

Back Button STM32MP255CAL3 Datasheet HTML 194Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 195Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 196Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 197Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 198Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 199Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 200Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 201Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 202Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 241 page
background image
Voltage range (V)
Max clock frequency (MHz)
OSPEEDRy[1:0]
Clock
Data
1.71 - 1.89 and 2.7 - 3.6
52/50
01
00
DDR 52/50
01
01
100
01
00
2.7 - 3.6(1)
120
11
10
1.71 - 1.89(1)
166
11
10
1. With 20 pF load.
Table 111. SDMMC characteristics for SD-Card or SDIO usage
Evaluated by characterization, not tested in production unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fPP
Clock frequency in data transfer mode.
20 pF load.
VDDIOx = 2.7 V to 3.6 V
0
-
120
MHz
VDDIOx = 1.71 V to 1.89 V
0
-
166
clock_ratio
SDMMC_CK / fpclk frequency ratio
-
-
-
8/3
-
tW(CKL)
Clock low time
fPP = 52 MHz
8.5
9.5
-
ns
tW(CKH)
Clock high time
fPP = 52 MHz
8.5
9.5
-
CMD, D inputs (referenced to CK) in High-Speed/SDR/DDR mode(1)
tISU
Input setup time HS
-
2
-
-
ns
tIH
Input hold time HS
-
2
-
-
tIDW(2)
Input valid window (variable window)
-
2.5
-
-
CMD, D outputs (referenced to CK) in high-speed/SDR/DDR mode(1)
tOV
Output valid time HS
-
-
7.5
8
ns
tOH
Output hold time HS
-
4.5
-
-
CMD, D inputs (referenced to CK) in default mode
tISUD
Input setup time SD
-
2.5
-
-
ns
tIHD
Input hold time SD
-
2
-
-
CMD, D outputs (referenced to CK) in default mode
tOVD
Output valid default time SD
-
-
1
2
ns
tOHD
Output hold default time SD
-
0
-
-
1. SD-Card 3 V / 1.8 V support on SDMMC3 requires an external voltage translator for which timings should be taken into
account.
2. The minimum window of time where the data needs to be stable for proper sampling in tuning mode.
Table 112. SDMMC characteristics for e•MMC usage
Evaluated by characterization, not tested in production unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fPP
Clock frequency in data transfer mode.
20 pF load.
VDDIOx = 2.7 V to 3.6 V
0
-
120
MHz
VDDIOx = 1.71 V to 1.89 V
0
-
166
clock_ratio
SDMMC_CK/fpclk frequency ratio
-
-
-
8/3
-
tW(CKL)
Clock low time
fPP = 52 MHz
8.5
9.5
-
ns
tW(CKH)
Clock high time
-
8.5
9.5
-
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Electrical characteristics
DS14284 - Rev 3
page 198/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com