Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP255CAL3 Datasheet(PDF) 192 Page - STMicroelectronics

Part # STM32MP255CAL3
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP255CAL3 Datasheet(HTML) 192 Page - STMicroelectronics

Back Button STM32MP255CAL3 Datasheet HTML 188Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 189Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 190Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 191Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 192Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 193Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 194Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 195Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 196Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 241 page
background image
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tSU_PP
SDA sata setup time in Push-Pull mode
Controller
15
-
-
ns
Table 106. I3C pin characteristics
Evaluated by characterization, not tested in production unless otherwise specified.
Symbol
Parameter
Min
Typ
Max
Unit
RPU(I3C)
I3C pull
‑up
1600
2200
2800
Ω
RHK(I3C)
I3C high keeper (weak pull
‑up)
125
160
195
kΩ
6.3.36.3
SPI interface characteristics
Unless otherwise specified, the parameters given in Table 107 for the SPI interface are derived from tests
performed under the ambient temperature, frequency and supply voltage conditions summarized in
Table 17. General operating conditions , with the following configuration:
•
Output speed is set to OSPEEDRy[1:0] = 11
•
Capacitive load C = 30 pF
•
Measurement points are done at CMOS levels: 0.5 × VDD
•
I/O compensation cell enabled
•
VDDxVRSEL activated when VDDx ≤ 2.7 V
Refer to Section 6.3.16: I/O port characteristics for more details on the input/output alternate function
characteristics (NSS, SCK, MOSI, MISO for SPI).
Table 107. SPI characteristics
Evaluated by characterization, not tested in production unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fSCK
SPI clock frequency
Master mode 1.71 V < VDD < 1.89 V
-
-
115
MHz
Master mode 3.0 V < VDD < 3.6 V
-
-
105
Slave receiver mode
-
-
100
Slave mode transmitter/full duplex
-
-
41.5(1)
tsu(NSS)
NSS setup time
Slave mode
4
-
-
ns
th(NSS)
NSS hold time
Slave mode
1
-
-
tw(SCKH), tw(SCKL) SCK high and low time
Master mode
Tsck2(2) - 1 Tsck2(2) Tsck2(2) + 1
tsu(MI)
Data input setup time
Master mode
4.5
-
-
tsu(SI)
Slave mode
3
-
-
th(MI)
Data input hold time
Master mode
1
-
-
th(SI)
Slave mode
1
-
-
ta(SO)
Data output access time
Slave mode
11
15
15
tdis(SO)
Data output disable time
Slave mode
12.5
14.5
17.5
tv(MO)
Data output valid time
Master mode
-
3
3.5
tv(SO)
Slave mode
-
11.5
12
th(MO)
Data output hold time
Master mode
2
-
-
th(SO)
Slave mode
10
-
-
1. Maximum frequency in slave transmitter mode is determined by the sum of tv(SO) and tsu(MI) which has to fit into SCK low or
high phase preceding the SCK sampling edge. This value can be achieved when the SPI communicates with a master
having tsu(MI) = 0 while Duty(SCK) = 50%.
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Electrical characteristics
DS14284 - Rev 3
page 192/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com