Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP255CAL3 Datasheet(PDF) 184 Page - STMicroelectronics

Part # STM32MP255CAL3
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP255CAL3 Datasheet(HTML) 184 Page - STMicroelectronics

Back Button STM32MP255CAL3 Datasheet HTML 180Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 181Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 182Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 183Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 184Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 185Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 186Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 187Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 188Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 241 page
background image
Symbol
Parameter
Conditions
Min
Typ Max Unit
fCCKO
MHz
Output clock frequency in
MASTER SPI mode
-
-
-
25
fCCKOLF
Output clock frequency in
LF_MASTER SPI mode
-
-
-
5
fSYMB
Input symbol rate in Manchester
mode
-
-
-
20
tHCCKI tLCCKI
ADF_CCK[1:0] input clock high
and low time
In SLAVE SPI mode
2 × Tadf_proc_ck(1)
-
-
ns
tHCCKO tLCCKO
ADF_CCK[1:0] output clock high
and low time
In MASTER SPI mode
2 × Tadf_proc_ck(1)
-
-
tHCCKOLF
tLCCKOLF
ADF_CCK[1:0] output clock high
and low time
In LF_MASTER SPI mode
Tadf_proc_ck(1)
-
-
tSUCCKI
Data setup time with respect to
ADF_CCK[1:0] input
In SLAVE SPI mode:
ADF_CCK[1:0] configured in input,
measured on rising and falling
edge
2.5
-
-
tHDCCKI
Data hold time with respect to
ADF_CCK[1:0] input
0.5
-
-
tSUCCKO
Data setup time with respect to
ADF_CCK[1:0] output
In MASTER SPI mode:
ADF_CCK[1:0] configured in
output, measured on rising and
falling edge
2
-
-
tHDCCKO
Data hold time with respect to
ADF_CCK[1:0] output
1
-
-
tSUCCKOLF
Data setup time with respect to
ADF_CCK[1:0] output
In LF_MASTER SPI mode,
ADF_CCK[1:0] configured in
output, measured on rising and
falling edge
7
-
-
tHDCCKOLF
Data hold time with respect to
ADF_CCK[1:0] output
0.5
-
-
1. Tadf_proc_ck is the period of the ADF processing clock.
Figure 41. ADF timing diagram
ADF_SDIx (I)
ADF_CCK (I/O)
tSUCCKI
tSUCCKO
tSUCCKOLF
fCCKI, fCCKO, fCCKOLF
tLCCKI, tLCCKO,
tLCCKOLF
tHDCCKI
tHDCCKO
tHDCCKOLF
tHCCKI, tHCCKO,
tHCCKOLF
tSUCCKI
tSUCCKO
tSUCCKOLF
tHDCCKI
tHDCCKO
tHDCCKOLF
6.3.31
Camera interface (DCMI) characteristics
Unless otherwise specified, the parameters given in the table below are derived from tests performed under the
ambient temperature, frequency and supply voltage conditions summarized in Table 17. General operating
conditions, with the following configuration:
•
DCMI_PIXCLK polarity: falling
•
DCMI_VSYNC and DCMI_HSYNC polarity: high
•
Data formats: 14 bits
•
Capacitive load CL = 30 pF
•
Measurement points done at CMOS levels: 0.5 × VDD
•
I/O compensation cell activated
•
VDDxVRSEL activated when VDDx ≤ 2.7 V
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Electrical characteristics
DS14284 - Rev 3
page 184/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com