Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP255CAL3 Datasheet(PDF) 187 Page - STMicroelectronics

Part # STM32MP255CAL3
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP255CAL3 Datasheet(HTML) 187 Page - STMicroelectronics

Back Button STM32MP255CAL3 Datasheet HTML 183Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 184Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 185Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 186Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 187Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 188Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 189Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 190Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 191Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 241 page
background image
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tOV(DE)
-
ns
DE output valid time
-
-
10
tOH(DE)
DE output hold time
6.5
-
-
tSU(RDY)
RDY input setup time
-
0
-
-
tH(RDY)
RDY input hold time
5.5
-
-
1. This maximal frequency does not consider receiver setup and hold timings.
Figure 44. PSSI transmit timing diagram
ts(RDY)
tho(DATA)
tv(DATA)
CKPOL=0
CKPOL=1
PSSI D[15:0]
(output)
th(RDY)
tw(PDCKL)
tw(PDCKH)
tc(PDCK)
tf(PDCK)
Invalid data OUT
Valid data OUT
DEPOL=0
DEPOL=1
RDYPOL=0
RDYPOL=1
Invalid data OUT
tr(PDCK)
tv(DE)
tho(DE)
Table 100. PSSI receive characteristics
Evaluated by characterization, not tested in production unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
clock_ratio
Frequency ratio DCMI_PDCK/fHCLK
-
-
-
0.4
-
PSSI_PDCK
PSSI clock input
-
-
-
80
MHz
DPIXEL
PSSI clock input duty cycle
-
30
-
70
%
tSU(DATA)
Data input setup time
-
2.5
-
-
ns
tH(DATA)
Data input hold time
-
1.5
-
-
tSU(DE)
DE input setup time
-
1.5
-
-
tH(DE)
DE input hold time
-
1
-
-
tOV(RDY)
RDY output valid time
-
-
-
11.5
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Electrical characteristics
DS14284 - Rev 3
page 187/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com