Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP255CAL3 Datasheet(PDF) 183 Page - STMicroelectronics

Part # STM32MP255CAL3
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP255CAL3 Datasheet(HTML) 183 Page - STMicroelectronics

Back Button STM32MP255CAL3 Datasheet HTML 179Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 180Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 181Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 182Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 183Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 184Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 185Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 186Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 187Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 241 page
background image
Symbol
Parameter
Conditions
Min
Typ Max Unit
tHCCKI tLCCKI
ns
MDF_CCK[1:0] input clock high
and low time
In SLAVE SPI mode
2 × Tmdf_proc_ck(1)
-
-
tHCCKO tLCCKO
MDF_CCK[1:0] output clock high
and low time
In MASTER SPI mode
2 × Tmdf_proc_ck(1)
-
-
tHCCKOLF
tLCCKOLF
MDF_CCK[1:0] output clock high
and low time
In LF_MASTER SPI mode
Tmdf_proc_ck(1)
-
-
tSUCKI
Data setup time with respect to
MDF_CKIx input
In SLAVE SPI mode, measured on
rising and falling edge
7.5
-
-
tHDCKI
Data hold time with respect to
MDF_CKIx input
0.5
-
-
tSUCCKI
Data setup time with respect to
MDF_CCK[1:0] input
In SLAVE SPI mode:
MDF_CCK[1:0] configured in
input, measured on rising and
falling edge
8.5
-
-
tHDCCKI
Data hold time with respect to
MDF_CCK[1:0] input
0.5
-
-
tSUCCKO
Data setup time with respect to
MDF_CCK[1:0] output
In MASTER SPI mode:
MDF_CCK[1:0] configured in
output, measured on rising and
falling edge
8.5
-
-
tHDCCKO
Data hold time with respect to
MDF_CCK[1:0] output
0.5
-
-
tSUCCKOLF
Data setup time with respect to
MDF_CCK[1:0] output
In LF_MASTER SPI mode,
MDF_CCK[1:0] configured in
output, measured on rising and
falling edge
14.5
-
-
tHDCCKOLF
Data hold time with respect to
MDF_CCK[1:0] output
0.5
-
-
1. Tmdf_proc_ck is the period of the MDF processing clock.
Figure 40. MDF timing diagram
MDF_SDIx (I)
MDF_CKIx (I)
MDF_CCK (I/O)
tSUCKI
tSUCCKI
tSUCCKO
tSUCCKOLF
fCKI, fCCKI, FCCKO, fCCKOLF
tLCKI, tLCCKI,
tLCCKO
tHDCKI
tHDCCKI
tHDCCKO
tHDCCKOLF
tHCKI, tHCCKI,
tHCCKO
tSUCKI
tSUCCKI
tSUCCKO
tSUCCKOLF
tHDCKI
tHDCCKI
tHDCCKO
tHDCCKOLF
6.3.30
Audio digital filter (ADF) characteristics
Unless otherwise specified, the parameters given in the table below are derived from tests performed under the
ambient temperature, frequency and supply voltage conditions summarized in Table 17. General operating
conditions, with the following configuration:
•
Capacitive load CL = 30 pF
•
Measurement points done at CMOS levels: 0.5 × VDD
•
I/O compensation cell activated
•
VDDxVRSEL activated when VDDx ≤ 2.7 V
Table 96. ADF characteristics
Evaluated by characterization, not tested in production unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ Max Unit
fCCKI
Input clock frequency via
ADF_CCK[1:0] pin, in SLAVE SPI
mode
-
-
-
25
MHz
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Electrical characteristics
DS14284 - Rev 3
page 183/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com