Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP255CAL3 Datasheet(PDF) 182 Page - STMicroelectronics

Part # STM32MP255CAL3
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP255CAL3 Datasheet(HTML) 182 Page - STMicroelectronics

Back Button STM32MP255CAL3 Datasheet HTML 178Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 179Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 180Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 181Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 182Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 183Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 184Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 185Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 186Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 241 page
background image
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IRDY_VDD33USB
Supply current on
VDD33USB
Always ON
-
1
-
μA
VDD33UCPD monitoring
VRDY_VDD33UCPD
Threshold on rising
edge
-
-
-
1.55(1)
V
Vhyst_VDD33UCPD
Hysteresis on
monitoring
-
-
40
-
mV
IRDY_VDD33UCPD(VDDA18AON)
Supply current on
VDDA18AON
UCPDVMEN = 1
-
0.75
-
μA
IRDY_VDD33UCPD
Supply current on
VDD33UCPD
Always ON
-
1
-
μA
1. Guaranteed by test in production.
6.3.28
Compensation cell characteristics
Table 94. Compensation cell characteristics
Evaluated by characterization, not tested in production unless otherwise specified.
Symbol
Parameter
Conditions
Min Typ Max Unit
ICOMPCELL VDDA18AON current consumption during code calculation
Using a 8 MHz clock (HSI / 8)
-
250
-
μA
Tready
Time needed to have the first code calculation after
enabling
-
96
-
μs
Tmeasure Time needed to update the code
-
832
-
6.3.29
Multi-function digital filter (MDF) characteristics
Unless otherwise specified, the parameters given in the table below are derived from tests performed under the
ambient temperature, frequency and supply voltage conditions summarized in Table 17. General operating
conditions, with the following configuration:
•
Capacitive load CL = 30 pF
•
Measurement points done at CMOS levels: 0.5 × VDD
•
I/O compensation cell activated
•
VDDxVRSEL activated when VDDx ≤ 2.7 V
Table 95. MDF characteristics
Evaluated by characterization, not tested in production unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ Max Unit
fCKI
Input clock frequency via
MDF_CKIx pin, in SLAVE SPI
mode
-
-
-
25
MHz
fCCKI
Input clock frequency via
MDF_CCK[1:0] pin, in SLAVE SPI
mode
-
-
-
25
fCCKO
Output clock frequency in MASTER
SPI mode
-
-
-
25
fCCKOLF
Output clock frequency in
LF_MASTER SPI mode
-
-
-
5
fSYMB
Input symbol rate in Manchester
mode
-
-
-
20
tHCKI tLCKI
MDF_CKIx input clock high and low
time
In SLAVE SPI mode
2 × Tmdf_proc_ck(1)
-
-
ns
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Electrical characteristics
DS14284 - Rev 3
page 182/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com