Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP255CAL3 Datasheet(PDF) 170 Page - STMicroelectronics

Part # STM32MP255CAL3
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP255CAL3 Datasheet(HTML) 170 Page - STMicroelectronics

Back Button STM32MP255CAL3 Datasheet HTML 166Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 167Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 168Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 169Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 170Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 171Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 172Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 173Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 174Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 241 page
background image
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
th(OUT)
Data output hold
time
-
0
-
-
ns
Figure 32. OCTOSPI timing diagram - SDR mode
Data output
D0
D1
D2
Clock
Data input
D0
D1
D2
t(CLK)
tw(CLKH)
tw(CLKL)
tr(CLK)
tf(CLK)
ts(IN)
th(IN)
tv(OUT)
th(OUT)
Table 83. OCTOSPI characteristics in DTR mode (without DQS)
Evaluated by characterization, not tested in production unless otherwise specified.
Values in the table applies to octal and quad SPI mode.
(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
F(CLK)
Clock
frequency
2.7 < VDDIOx <3.6, CL = 20 pF
-
-
100
MHz
1.71 < VDDIOx < 1.89,
CL = 20 pF
-
-
100
tw(CLKH)
Clock high
and low time
- Even
division
PRESCALER[7:0] = n = 0,1,3,5
t(CLK) / 2
-
t(CLK) / 2 + 1
ns
tw(CLKL)
t(CLK)/ 2 - 1
-
t(CLK) / 2
tw(CLKH)
Clock high
and low time
- Odd
division
PRESCALER[7:0] = n = 2,4,6,8
(n/2) × t(CLK) / (n+1)
-
(n/
2) × t(CLK) / (n+1) + 1
tw(CLKL)
(n/
2+1) × t(CLK) / (n+1) -
1
-
(n/
2+1) × t(CLK) / (n+1)
tsr(IN),
tsf(IN)
Data input
setup time
-
2
-
-
thr(IN),
thf(IN)
Data input
hold time
-
1.5
-
-
tvr(OUT),
tvf(OUT)(1)
Data output
valid time
-
-
1 + t(CLK) / 4
1.5 + t(CLK) / 4
-
1
1.5
thr(OUT),
thf(OUT)(1)
Data output
hold time
-
t(CLK) / 4 - 0.5
-
-
0
-
-
1. When PRESCALER = 0 the DLL must be used for TX delay.
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Electrical characteristics
DS14284 - Rev 3
page 170/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com