Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP255CAL3 Datasheet(PDF) 174 Page - STMicroelectronics

Part # STM32MP255CAL3
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP255CAL3 Datasheet(HTML) 174 Page - STMicroelectronics

Back Button STM32MP255CAL3 Datasheet HTML 170Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 171Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 172Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 173Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 174Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 175Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 176Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 177Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 178Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 241 page
background image
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
t∆
Unit delay
Lock mode
-1
-
+15
%
1. T is the period of the DLL clock.
6.3.22
12-bit ADC characteristics
Unless otherwise specified, the parameters given in Table 86. ADC characteristics are derived from tests
performed under the ambient temperature, frequency and VDDA supply voltage conditions summarized in
Table 17. General operating conditions.
Table 86. ADC characteristics
Evaluated by characterization, not tested in production unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fADC
ADC adc_ker_ck clock
frequency (clock after ADC
prescaler)
-
0.7
-
70
MHz
fs
Sampling rate
resolution = 12 bits
0.0467
-
4.666
MSps
resolution = 10 bits
0.0538
-
5.384
resolution = 8 bits
0.07
-
7
resolution = 6 bits
0.0875
-
8.75
tc(1)
Conversion cycle
resolution = 12 bits
-
13.5
-
1 / fADC
resolution = 10 bits
-
11.5
-
resolution = 8 bits
-
8.5
-
resolution = 6 bits
-
6.5
-
fTRIG
External trigger frequency
fADC = 70 MHz, Resolution = 12 bits
-
-
3.888
MHz
18
-
-
1 / fADC
VAIN(1)
Conversion voltage range(2)
Single ended
0
-
VREF+
V
Differential
-VREF+
-
VREF+
VCMIV(1)
Common mode input voltage
Differential
-
VREF+ / 2
-
V
CADC
Internal sample and hold
capacitor
-
-
2.56
-
pF
tSTAB
ADC power-up time
DEEPPWD from 1 to 0
-
5
-
μs
tEN
ADC enable time
ADEN from 0 to 1
-
5
-
1 / fADC
tLATR(1)
Trigger conversion latency
regular and injected channels
without conversion abort
CKMODE = 0
2.5
-
3.5
1 / fADC
CKMODE = 1
-
3
-
tLATRINJ(1)
Trigger conversion latency
regular injected channels
aborting a regular conversion
CKMODE = 0
3.5
-
4.5
1 / fADC
CKMODE = 1
-
4
-
tS(1)
Sampling time
-
1.5
-
1499.5 1 / fADC
IADC(VDDA18ADC)
ADC supply current on
VDDA18ADC
fs = 4.666 Msps, resolution = 12 bits
-
315
-
μA
fs = 5.384 Msps, resolution = 10 bits
-
330
-
Power down, ADEN = 0
-
2.05
-
Deep power down, ADEN = 0,
DEEPPWD = 1
-
1.65
-
1. Specified by design, not tested in production.
2. All analog inputs must be between VSSA and VDDA18ADC.
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Electrical characteristics
DS14284 - Rev 3
page 174/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com