Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP255CAL3 Datasheet(PDF) 168 Page - STMicroelectronics

Part # STM32MP255CAL3
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP255CAL3 Datasheet(HTML) 168 Page - STMicroelectronics

Back Button STM32MP255CAL3 Datasheet HTML 164Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 165Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 166Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 167Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 168Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 169Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 170Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 171Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 172Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 241 page
background image
Symbol
Parameter
Min
Typ
Max
Unit
td(ALE‑NOE)
ns
FMC_ALE valid before FMC_NOE low
-
-
2Tfmc_ker_ck + 1.5
th(NOE‑ALE)
FMC_NWE high to FMC_ALE invalid
3Tfmc_ker_ck - 1
-
-
Figure 30. NAND controller waveforms for read access
FMC_NWE
FMC_NOE (NRE)
FMC_D[y:0]
tw(NOE)
tsu(D-NOE)
th(NOE-D)
ALE (FMC_A17)
CLE (FMC_A16)
FMC_NCEx
td(ALE-NOE)
th(NOE-ALE)
1. y = 7 or 15 depending on the NAND flash memory interface.
Table 81. NAND flash write timings
Evaluated by characterization, not tested in production unless otherwise specified.
Symbol
Parameter
Min
Typ
Max
Unit
tw(NWE)
FMC_NWE low width
4Tfmc_ker_ck - 1
-
4Tfmc_ker_ck + 1
ns
tv(NWE‑D)
FMC_NWE low to FMC_D[15-0] valid
0
-
-
th(NWE‑D)
FMC_NWE high to FMC_D[15-0] invalid
5Tfmc_ker_ck - 1
-
-
td(D‑NWE)
FMC_D[15-0] valid before FMC_NWE high
4Tfmc_ker_ck - 1
-
-
td(ALE‑NWE)
FMC_ALE valid before FMC_NWE low
-
-
2Tfmc_ker_ck + 1.5
th(NWE‑ALE)
FMC_NWE high to FMC_ALE invalid
3Tfmc_ker_ck - 1
-
-
Figure 31. NAND controller waveforms for write access
tw(NWE)
th(NWE-D)
tv(NWE-D)
FMC_NWE
FMC_NOE (NRE)
FMC_D[y:0]
td(D-NWE)
ALE (FMC_A17)
CLE (FMC_A16)
FMC_NCEx
td(ALE-NWE)
th(NWE-ALE)
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Electrical characteristics
DS14284 - Rev 3
page 168/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com