Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP255CAL3 Datasheet(PDF) 169 Page - STMicroelectronics

Part # STM32MP255CAL3
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP255CAL3 Datasheet(HTML) 169 Page - STMicroelectronics

Back Button STM32MP255CAL3 Datasheet HTML 165Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 166Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 167Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 168Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 169Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 170Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 171Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 172Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 173Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 241 page
background image
1. y = 7 or 15 depending on the NAND flash memory interface.
6.3.20
OCTOSPI interface characteristics
Unless otherwise specified, the parameters given in Table 82 , Table 83 and Table 84 for OCTOSPI are derived
from tests performed under the ambient temperature, frequency and supply voltage conditions summarized in
Table 17. General operating conditions , with the following configuration:
•
Output speed is set to OSPEEDRy[1:0] = 11
•
Measurement points are done at CMOS levels: 0.5 × VDD
•
IO compensation cell activated
•
VDDIOxVRSEL = 1 for VDDIOx < 2.7 V
Refer to Section 6.3.16: I/O port characteristics for more details on the input/output alternate function
characteristics.
Table 82. OCTOSPI characteristics in SDR mode
Evaluated by characterization, not tested in production unless otherwise specified.
Values in the table applies to octal and quad SPI mode.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
F(CLK)
Clock frequency
3 < VDDIOx < 3.6, CL = 20 pF,
OCTOSPIM port1
-
-
120
MHz
3 < VDDIOx < 3.6, CL = 20 pF,
OCTOSPIM port2
-
-
133
2.7 < VDDIOx < 3.6, CL = 20 pF,
OCTOSPIM port1
-
-
100
2.7 < VDDIOx < 3.6, CL = 20 pF,
OCTOSPIM port2
-
-
110
1.71 < VDDIOx < 1.89, CL = 20 pF
-
-
133
tw(CLKH) Clock high and
low time - Even
division
PRESCALER[7:0] = n = 0,1,3,5
t(CLK) / 2
-
t(CLK)/2 +1
ns
tw(CLKL)
t(CLK)/2 - 1
-
t(CLK)/2
tw(CLKH) Clock high and
low time - Odd
division
PRESCALER[7:0] = n = 2,4,6,8
(n/2) × t(CLK) / (n+1)
-
(n/
2) × t(CLK) / (n+1) + 1
tw(CLKL)
(n/
2+1) × t(CLK) / (n+1) - 1
-
(n/2+1) × t(CLK) / (n+1)
ts(IN)
Data input setup
time
-
2.5
-
-
th(IN)
Data input hold
time
-
1.5
-
-
tv(OUT)
Data output valid
time
-
-
0.5
1
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Electrical characteristics
DS14284 - Rev 3
page 169/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com