Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP253C Datasheet(PDF) 137 Page - STMicroelectronics

Part # STM32MP253C
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP253C Datasheet(HTML) 137 Page - STMicroelectronics

Back Button STM32MP253C Datasheet HTML 133Page - STMicroelectronics STM32MP253C Datasheet HTML 134Page - STMicroelectronics STM32MP253C Datasheet HTML 135Page - STMicroelectronics STM32MP253C Datasheet HTML 136Page - STMicroelectronics STM32MP253C Datasheet HTML 137Page - STMicroelectronics STM32MP253C Datasheet HTML 138Page - STMicroelectronics STM32MP253C Datasheet HTML 139Page - STMicroelectronics STM32MP253C Datasheet HTML 140Page - STMicroelectronics STM32MP253C Datasheet HTML 141Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 241 page
background image
•
When HSI is used, HSIKERON = 0
•
PWRLP_DLY = 0
•
LPLVDLY_D2 = 187 µs
•
tWUCSleep values are measured with internal interrupt
•
tWUCStop and tWULPLV-Stop values are measured with EXTI pin
•
tWUStandby values are measured with WKUP pin through PWR
•
When VDDCORE or VDDCPU are shutdown or reduces, wakeup time value depend on supply characteristics.
–
Wakeup time in following tables are measured with 200 μs VDDCORE and VDDCPU setup time
–
Longer VDDCPU or VDDCORE startup time than 200 μs should be added to the wakeup time value
–
When voltage is reduced, VDDCORE is assumed to be back to nominal value before LPLVDLY_D2
expiration. Otherwise, LPLVDLY_D2 value should be increased accordingly and this directly impact
wakeup time value.
Table 35. D1 (CPU1) low-power mode wakeup timings
Evaluated by characterization, not tested in production. Unless otherwise noted.
Symbol
D1 (CPU1)
mode
D2 (CPU2)
mode
D3
(CPU3)
mode
Conditions for wakeup
domain
Typ
Max
Unit
tWUCSleep_CPU1
DRun
(CSleep)
Run1
(CStop)
(Reset)
SEV between CPU1 cores
-
15
CPU1 clock
cycles
HSI
-
12 +
20
Tck_icn_nic +
Tck_cpu1_ext2f
HSE + PLL1
-
12 +
20
Tck_icn_nic +
TPLL1
DRun
(eCSleep)(1)
Run1
(CStop)
(Reset)
HSE + PLL1
-
12 +
20
Tck_icn_nic +
Tck_cpu1_ext2f
tWUCStop_CPU1
DStop1
(CStop)
Run1
(CRun)
(Reset)
HSI 64 MHz
8.2
10
µs
HSE + PLL1 1200 MHz
180
-
µs
DStop1
(CStop)(2)
Stop1
(CStop)(2)
(Reset)
HSI 64 MHz(3)
3.3
15
µs
HSI 64 MHz
8.2
10
µs
HSE + PLL1 1200 MHz
180
-
µs
DStandby
(CStop)(4)
Stop2
(CStop)(2)
(Reset)
HSI 64 MHz(3)(5)
660
-
µs
tWULPLV-
Stop_CPU1
DStop3
(CStop)(2)(6)
LPLV-Stop1
(CStop)(2)(6)
(Reset)
HSI 64 MHz,
PWRLP_DLY = 100 us
1000
1200
µs
DStandby
(CStop)(4)(6)
LPLV-Stop2
(CStop)(2)(6)
(Reset)
HSI 64 MHz(5)
1500
(1000)
-
µs(7)
1. eCSleep mean CPU1 in enhanced CSleep with PLL1 automatically stopped (RCC_C1SREQSETR.ESLPREQ = 1). In this
mode, CPU1 wake on ck_cpu1_ext2f, then CPU1 switch back automatically to PLL1 after PLL lock time.
2. PDDS_Dx = 0.
3. HSI active (HSIKERON = 1).
4. PDDS_Dx = 1.
5. CPU1 wake
‑up address register points to SYSRAM code.
6. LPDS_Dx=1 and LVDS_Dx = 1.
7. Value in parenthesis is for wakeup using WKUP pin through PWR.
Table 36. D2 (CPU2) low-power mode wakeup timings
Evaluated by characterization, not tested in production. Unless otherwise noted.
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Electrical characteristics
DS14284 - Rev 3
page 137/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com