Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP253C Datasheet(PDF) 136 Page - STMicroelectronics

Part # STM32MP253C
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP253C Datasheet(HTML) 136 Page - STMicroelectronics

Back Button STM32MP253C Datasheet HTML 132Page - STMicroelectronics STM32MP253C Datasheet HTML 133Page - STMicroelectronics STM32MP253C Datasheet HTML 134Page - STMicroelectronics STM32MP253C Datasheet HTML 135Page - STMicroelectronics STM32MP253C Datasheet HTML 136Page - STMicroelectronics STM32MP253C Datasheet HTML 137Page - STMicroelectronics STM32MP253C Datasheet HTML 138Page - STMicroelectronics STM32MP253C Datasheet HTML 139Page - STMicroelectronics STM32MP253C Datasheet HTML 140Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 241 page
background image
6.3.5.2
I/O system current consumption
The current consumption of the I/O system has two components: static and dynamic.
6.3.5.3
I/O static current consumption
All the I/Os used as inputs with pull-up generate a current consumption when the pin is externally held low. The
value of this current consumption can be simply computed by using the pull-up/pull-down resistors values given in
Table 61. I/O static characteristics.
For the output pins, any external pull-down or external load must also be considered to estimate the current
consumption.
An additional I/O current consumption is due to I/Os configured as inputs if an intermediate voltage level is
externally applied. This current consumption is caused by the input Schmitt trigger circuits used to discriminate
the input value. Unless this specific configuration is required by the application, this supply current consumption
can be avoided by configuring these I/Os in analog mode. This is notably the case of ADC input pins which should
be configured as analog inputs.
Caution:
Any floating input pin can also settle to an intermediate voltage level or switch inadvertently, as a result of
external electromagnetic noise. To avoid a current consumption related to floating pins, they must either be
configured in analog mode, or forced internally to a definite digital value. This can be done either by using pull-
up/down resistors or by configuring the pins in output mode.
6.3.5.4
I/O dynamic current consumption
The I/Os used by an application contribute to the current consumption. When an I/O pin switches, it uses the
current from the MCU supply voltage to supply the I/O pin circuitry and to charge/discharge the capacitive load
(internal or external) connected to the pin.
The theoretical formula is provided below:
ISW=VDD×fSW×CL
where
•
ISW is the current sunk by a switching I/O to charge/discharge the capacitive load
•
VDDx is the MCU supply voltage
•
fSW is the I/O switching frequency
•
CL is the total capacitance seen by the I/O pin: C = CINT + CEXT
6.3.6
Wakeup time from low-power modes
The wakeup times given in Table 35 , Table 36 and Section 6.3.6 are measured starting from the wakeup event
trigger up to the first instruction executed by the CPU1, CPU2 or CPU3:
•
the CPU1, CPU2 or CPU3 goes in low-power mode after WFI (wait for interrupt) instruction.
•
For CSleep modes:
–
Interrupt to GIC or NVIC is used to wakeup from low-power modes.
•
For CStop modes (except Standby and VBAT):
–
For CPU1 and CPU2: EXTI1[x] is used to wakeup from low-power modes.
–
For CPU3: EXTI2[x] is used to wakeup from low-power modes.
•
For Standby modes:
–
WKUPx is used to wakeup from low-power modes.
•
For VBAT modes
–
TAMP_INx is used to wakeup from low-power modes.
•
System mode is equal to D2 domain mode
All timings are derived from tests performed under ambient temperature and VDD = 3.3 V.
General conditions unless otherwise noted:
•
CPU1 software in SYSRAM
•
CPU2 software in SRAMx
•
CPU3 software in LPSRAMx
•
HSE is 40 MHz
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Electrical characteristics
DS14284 - Rev 3
page 136/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com