Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP253C Datasheet(PDF) 110 Page - STMicroelectronics

Part # STM32MP253C
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP253C Datasheet(HTML) 110 Page - STMicroelectronics

Back Button STM32MP253C Datasheet HTML 106Page - STMicroelectronics STM32MP253C Datasheet HTML 107Page - STMicroelectronics STM32MP253C Datasheet HTML 108Page - STMicroelectronics STM32MP253C Datasheet HTML 109Page - STMicroelectronics STM32MP253C Datasheet HTML 110Page - STMicroelectronics STM32MP253C Datasheet HTML 111Page - STMicroelectronics STM32MP253C Datasheet HTML 112Page - STMicroelectronics STM32MP253C Datasheet HTML 113Page - STMicroelectronics STM32MP253C Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 241 page
background image
Table 22. Current consumption (IDDCORE) in Run modes
Evaluated by characterization, not tested in production unless otherwise specified.
Except otherwise noted, typical values given with VDDCORE = 0.82 V, VDDCPU = 0.8 V and VDDGPU = 0.8 V, maximum values given with VDDCORE = 0.842 V, VDDCPU = 0.842 V and
VDDGPU = 0.839 V.
Symbol
Parameter
Conditions
Typ
Max
Unit
-
D1 (CPU1)(1)
mode
D2
(CPU2)
mode
D3
(CPU3)
mode
Osc.
CPU1
clk
(MHz)
AXI
clk
(MHz)
(2)
CPU2
clk
(MHz)
CPU3
clk
(MHz)
GPU
clk
(MHz)
TJ =
25 °C
TJ =
25 °C
TJ =
85 °C
TJ =
105 °C
TJ =
125 °C
IDDCORE(3)
Supply
current in Run
mode
All
peripherals
Enabled(4)
DRun
(CRun:
P0&P1)
Run1
(CRun)
SRun1
(CRun)
HSE +
HSI +
PLL
1500(5)
600
400
200
900(6)
245
330
600
780
1200
mA
1200
600
400
200
800
245
320
590
770
1200
750
600
400
200
800
245
320
590
770
1200
600
600
400
200
800
245
320
590
770
1200
IDDCORE(7)
Supply
current in Run
mode
All
peripherals
Enabled(4)
DRun
(CRun:
P0&P1)
Run1
(CRun)
SRun1
(CRun)
HSE +
HSI +
PLL
1500(5)
600
400
200
900(6)
195
270
540
720
1100
mA
1200
600
400
200
800
195
260
530
710
1100
750
600
400
200
800
195
260
530
710
1100
600
600
400
200
800
195
260
530
710
1100
IDDCORE(8)
Supply
current in Run
mode
All
peripherals
Enabled(4)
DRun
(CRun:
P0&P1)
Run1
(CRun)
SRun1
(CRun)
HSE +
HSI +
PLL
1500(5)
600
400
200
-
195
270
530
710
1100
mA
1200
600
400
200
-
195
260
530
710
1100
750
600
400
200
-
195
260
530
710
1100
600
600
400
200
-
195
260
530
710
1100
IDDCORE(9)
Supply
current in Run
mode
All
peripherals
Enabled(4)
DRun
(CRun: P0)
Run1
(CRun)
SRun1
(CRun)
HSE +
HSI +
PLL
1500(5)
600
400
200
-
185
250
520
700
1100
mA
1200
600
400
200
-
185
250
520
700
1100
750
600
400
200
-
185
250
520
700
1100
600
600
400
200
-
185
250
520
700
1100
IDDCORE(3)
Supply
current in Run
mode
All
peripherals
Enabled(4)
DRun
(CRun:
P0&P1)
Run1
(Cstop)
SRun1
(CStop)
HSE +
HSI +
PLL
1500(5)
600
-
-
900(6)
225
300
570
750
1100
mA
1200
600
-
-
800
220
300
570
750
1100
750
600
-
-
800
220
300
560
740
1100
600
600
-
-
800
220
300
560
740
1100
IDDCORE(7)
Supply
current in Run
mode
All
peripherals
Enabled(4)
DRun
(CRun:
P0&P1)
Run1
(Cstop)
SRun1
(CStop)
HSE +
HSI +
PLL
1500(5)
600
-
-
900(6)
170
240
510
690
1100
mA
1200
600
-
-
800
170
240
510
680
1100
750
600
-
-
800
170
240
500
680
1100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com