Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP253C Datasheet(PDF) 106 Page - STMicroelectronics

Part # STM32MP253C
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP253C Datasheet(HTML) 106 Page - STMicroelectronics

Back Button STM32MP253C Datasheet HTML 102Page - STMicroelectronics STM32MP253C Datasheet HTML 103Page - STMicroelectronics STM32MP253C Datasheet HTML 104Page - STMicroelectronics STM32MP253C Datasheet HTML 105Page - STMicroelectronics STM32MP253C Datasheet HTML 106Page - STMicroelectronics STM32MP253C Datasheet HTML 107Page - STMicroelectronics STM32MP253C Datasheet HTML 108Page - STMicroelectronics STM32MP253C Datasheet HTML 109Page - STMicroelectronics STM32MP253C Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 241 page
background image
4. Functional down to 1.71 V if UCPD is not used.
5. Static condition. 1.98 V allowed during transients.
6. Requires VDDIOVRSEL = 0.
7. These supplies are independent, that means each one could be in any of the following voltage ranges: 0 V (OFF), 1.8 V, 3 V
or 3.3 V.
8. Requires VDDIOxVRSEL = 0
9. All these supplies are usually connected together.
10. This is the max allowed voltage, however LPLV-Stop mode is relevant only to save power, so requires voltage as low as
possible (that is external regulator set for typical value, then the maximum voltage is few percent above the typical due to
regulator accuracy).
11. The VDDA18PLLx must be connected together.
12. Could be connected to other VDDA18xx supplies if min/max range fullfilled.
13. Except when connected to VDD where lower limit is then 1.71 V.
14. This pin is used only to connect a decoupling capacitor for internal backup regulator, this pin must never be used externally
for other purposes.
15. VDDxx stands for VDD, VDDIO1, VDDIO2, VDDIO3 or VDDIO4.
6.3.2
Operating conditions at power-up / power-down
Subject to general operating conditions.
Constraints on power supply sequences:
•
VDDA18AON and VDD must be present before any other supply (except VBAT) and kept present whenever
any other supply is present (except VBAT). Damage could occur if not ensured.
•
VDDA18AON and VDD should ramp up and ramp down together (within a 1 ms time windows). Damage could
occur if not ensured.
•
VDDA18USB should be present whenever VDD33USB is present. Damage could occur if not ensured.
•
VDDCORE should be present whenever VDDA18USB and/or VDDA33USB are present. If not ensured, leakage
could occur on these supplies until VDDCORE is present.
Table 18. Operating conditions at power-up / power-down
Symbol
Parameter
Operating
conditions
Min
Max
Unit
tVDDA18AON
VDDA18AON transitions
Rise time rate
20
1500
µs/V
Fall time rate
20
1500
tVDD
VDD/VDDIOx transitions
Rise time rate
20
1500
Fall time rate
20
1500
tVDDCORE
VDDCORE transitions
Rise time rate
20
1500
Fall time rate
25
1500
tVDDCPU, tVDDGPU,
tVDDCSI, tVDDSI,
tVDDLVDS,
tVDDCOMBOPHY,
tVDDCOMBOPHYTX,
tVDDPCIECLK
VDDCPU, VDDGPU, VDDCSI, VDDDSI, VDDLVDS, VDDCOMBOPHY,
VDDCOMBOPHYTX, VDDPCIECLK transitions
Rise time rate
10
1500
Fall time rate
10
1500
tVDDA18
VDDA18PLL1, VDDA18PLL2, VDDA18PLL3, VDDA18DSI, VDDA18CSI,
VDDA18LVDS, VDDA18COMBOPHY, VDDA18DDR, VDDA18USB,
VDDA18ADC transitions
Rise time rate
10
1500
Fall time rate
10
1500
tVDD33
VDD33USB, VDD33UCPD transitions
Rise time rate
10
1500
Fall time rate
10
1500
tVDDQDDR
VDDQDDR transitions
Rise time rate
10
1500
Fall time rate
10
1500
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Electrical characteristics
DS14284 - Rev 3
page 106/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com