Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLMT01SPHTA/EM Datasheet(PDF) 12 Page - Texas Instruments

Part # PLMT01SPHTA/EM
Description  radiation hardened 2-pin precision digital output temperature sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PLMT01SPHTA/EM Datasheet(HTML) 12 Page - Texas Instruments

Back Button PLMT01SPHTA/EM Datasheet HTML 8Page - Texas Instruments PLMT01SPHTA/EM Datasheet HTML 9Page - Texas Instruments PLMT01SPHTA/EM Datasheet HTML 10Page - Texas Instruments PLMT01SPHTA/EM Datasheet HTML 11Page - Texas Instruments PLMT01SPHTA/EM Datasheet HTML 12Page - Texas Instruments PLMT01SPHTA/EM Datasheet HTML 13Page - Texas Instruments PLMT01SPHTA/EM Datasheet HTML 14Page - Texas Instruments PLMT01SPHTA/EM Datasheet HTML 15Page - Texas Instruments PLMT01SPHTA/EM Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
±50
±25
0
25
50
75
100
125
150
LMT01 Junction Temperaure (
ƒC)
C017
Max Limit
Min Limit
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
±50
±25
0
25
50
75
100
125
150
LMT01 Junction Temperaure (
ƒC)
C018
0
512
1024
1536
2048
2560
3072
3584
4096
±50 ±25
0
25
50
75
100 125 150 175 200 225
LMT01 Junction Temperature (
ƒC)
C002
12
LMT01-SP
SNIS205 – JANUARY 2019
www.ti.com
Product Folder Links: LMT01-SP
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
The curve shown in Figure 20 shows the output transfer function using equation Equation 1 (blue line) and the
look-up table (LUT) found in Electrical Characteristics - Pulse Count to Temperature LUT (red line). The LMT01-
SP output transfer function as described by the LUT appears to be linear, but upon close inspection, it can be
seen as truly not linear. To actually see the difference, the accuracy obtained by the two methods must be
compared.
Figure 20. LMT01-SP Output Transfer Function
For more exact temperature readings the output pulse count can be converted to temperature using linear
interpolation of the values found in Electrical Characteristics - Pulse Count to Temperature LUT.
The curves in Figure 21 and Figure 22 show the accuracy of typical units when using the Equation 1 and linear
interpolation using Electrical Characteristics - Pulse Count to Temperature LUT, respectively. When compared,
the improved performance when using the LUT linear interpolation method can clearly be seen. For a limited
temperature range of 25°C to 80°C, the error shown in Figure 21 is flat, so the linear equation will provide good
results. For a wide temperature range, TI recommends that linear interpolation and the LUT be used.
92 Typical Units Plotted at (VP – VN) = 2.15 V
Figure 21. LMT01-SP Typical Accuracy When Using First
Order Equation, Equation 1
92 typical units plotted at (VP – VN) = 2.15 V
Figure 22. LMT01-SP Accuracy Using Linear Interpolation
of LUT Found In Electrical Characteristics - Pulse Count to
Temperature LUT
7.3.3 Current Output Conversion to Voltage
The minimum voltage drop across the LMT01-SP must be maintained at 2.15 V during the conversion cycle.
After the conversion cycle, the minimum voltage drop can decrease to 2 V. Thus the LMT01-SP can be used for
low voltage applications. See Application Information section for more information on low voltage operation and
other information on picking the actual resistor value for different applications conditions. The resistor value is
dependent on the power supply level and the variation and the threshold level requirements of the circuitry the
resistor is driving (that is, MCU, GPIO, or Comparator).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com