Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLMT01SPHTA/EM Datasheet(PDF) 16 Page - Texas Instruments

Part # PLMT01SPHTA/EM
Description  radiation hardened 2-pin precision digital output temperature sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PLMT01SPHTA/EM Datasheet(HTML) 16 Page - Texas Instruments

Back Button PLMT01SPHTA/EM Datasheet HTML 12Page - Texas Instruments PLMT01SPHTA/EM Datasheet HTML 13Page - Texas Instruments PLMT01SPHTA/EM Datasheet HTML 14Page - Texas Instruments PLMT01SPHTA/EM Datasheet HTML 15Page - Texas Instruments PLMT01SPHTA/EM Datasheet HTML 16Page - Texas Instruments PLMT01SPHTA/EM Datasheet HTML 17Page - Texas Instruments PLMT01SPHTA/EM Datasheet HTML 18Page - Texas Instruments PLMT01SPHTA/EM Datasheet HTML 19Page - Texas Instruments PLMT01SPHTA/EM Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
CLmin
REF
N N_TOL
V
V
1 V_REF_TOL
COMP_OFFSET
32
u
u
CHmax
REF
N N_TOL
V
V
1 V_REF_TOL
COMP_OFFSET
32
u
u
16
LMT01-SP
SNIS205 – JANUARY 2019
www.ti.com
Product Folder Links: LMT01-SP
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
8.2.1.2 Detailed Design Procedure
First, select the R and determine the maximum logic low voltage and the minimum logic high voltage while
ensuring that when the LMT01-SP is converting, the minimum (VP – VN) requirement of 2.15 V is met.
1. Select R using minimum VP – VN during data transmission (2 V) and maximum output current of the LMT01-
SP (143.75 µA)
–
R = (3.0 V – 2 V) / 143.75 µA = 6.993 k the closest 1% resistor is 6.980 k
–
6.993 k is the maximum resistance so if using 1% tolerance resistor the actual resistor value needs to be
1% less than 6.993 k and 6.98 k is 0.2% less than 6.993 k thus 6.81 k must be used.
2. Check to see if the 2.15-V minimum voltage during conversion requirement for the LMT01-SP is met with the
maximum IOL of 39 µA and maximum R of 6.81 k + 1%:
–
VLMT01-SP = 3 V – (6.81 k × 1.01) × 39 µA = 2.73 V
3. Find the maximum low level voltage range using the maximum R of 6.81 k and maximum IOL of 39 µA:
–
VRLmax = (6.81 k × 1.01) × 39 µA = 268 mV
4. Find the minimum high level voltage using the minimum R of 6.81 k and minimum IOH of 112.5 µA:
–
VRHmin = (6.81 k × 0.99) × 112.5 µA = 758 mV
Now select the MSP430 comparator threshold voltage that enables the LMT01-SP to communicate to the
MSP430 properly.
1. The MSP430 voltage is selected by selecting the internal VREF and then choosing the appropriate 1 of n/32
settings for n of 1 to 31.
–
VMID= (VRLmax – VRHmin) / 2 + VRHmin = (758 mV – 268 mV) / 2 + 268 mV = 513 mV
–
n = (VMID / VREF ) × 32 = (0.513 / 2.5) × 32 = 7
2. To prevent oscillation of the comparator, output hysteresis must be implemented. The MSP430 allows this by
enabling different n for the rising edge and falling edge of the comparator output. For a falling comparator
output transition, N must be set to 6.
3. Determine the noise margin caused by variation in comparator threshold level. Even though the comparator
threshold level theoretically is set to VMID, the actual level varies from device to device due to VREF tolerance,
resistor divider tolerance, and comparator offset. For proper operation, the COMP_B worst case input
threshold levels must be within the minimum high and maximum low voltage levels presented across R,
VRHmin and VRLmax, respectively
where
•
VREF is the MSP430 COMP_B reference voltage for this example at 2.5 V
•
V_REF_TOL is the tolerance of the VREF of 1% or 0.01
•
N is the divisor for the MSP430 or 7
•
N_TOL is the tolerance of the divisor or 0.5
•
COMP_OFFSET is the comparator offset specification or 10 mV
(5)
where
•
VREF is the MSP430 COMP_B reference voltage for this example at 2.5 V
•
V_REF_TOL is the tolerance of the VREF of 1% or 0.01
•
N is the divisor for the MSP430 for the hysteresis setting or 6
•
N_TOL is the tolerance of the divisor or 0.5
•
COMP_OFFSET is the comparator offset specification or 10 mV
(6)
The noise margin is the minimum of the two differences:
(VRHmin – VCHmax) or (VCHmin – VRLmax)
(7)
which works out to be 145 mV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com