Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLMT01SPHTA/EM Datasheet(PDF) 5 Page - Texas Instruments

Part # PLMT01SPHTA/EM
Description  radiation hardened 2-pin precision digital output temperature sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PLMT01SPHTA/EM Datasheet(HTML) 5 Page - Texas Instruments

  PLMT01SPHTA/EM Datasheet HTML 1Page - Texas Instruments PLMT01SPHTA/EM Datasheet HTML 2Page - Texas Instruments PLMT01SPHTA/EM Datasheet HTML 3Page - Texas Instruments PLMT01SPHTA/EM Datasheet HTML 4Page - Texas Instruments PLMT01SPHTA/EM Datasheet HTML 5Page - Texas Instruments PLMT01SPHTA/EM Datasheet HTML 6Page - Texas Instruments PLMT01SPHTA/EM Datasheet HTML 7Page - Texas Instruments PLMT01SPHTA/EM Datasheet HTML 8Page - Texas Instruments PLMT01SPHTA/EM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5
LMT01-SP
www.ti.com
SNIS205 – JANUARY 2019
Product Folder Links: LMT01-SP
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
(1)
Calculated using Pulse Count to Temperature LUT and 0.0625°C resolution per pulse, see Electrical Characteristics - Pulse Count to
Temperature LUT section.
(2)
Error can be linearly interpolated between temperatures given in table as shown in the Accuracy vs Temperature curves in Typical
Characteristics section.
(3)
Limit is using end point calculation.
6.5 Electrical Characteristics
Over operating free-air temperature range and operating VP-VN range (unless otherwise noted).
PARAMETER
SUBGROUPS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ACCURACY
Temperature accuracy(1)(2)
1, 2, 3
VP – VN of
2.15 V to
5.5 V
150°C
±0.4
°C
125°C
–0.7
±0.3
1.5
120°C
±0.3
110°C
±0.3
100°C
±0.3
90°C
±0.125
25°C
–0.7
±0.125
1.5
–20°C
±0.125
–30°C
±0.3
–40°C
±0.4
–50°C
–0.7
±0.4
1.5
–55°C
–5
5
PULSE COUNT TRANSFER FUNCTION
Number of pulses at 25°C
1
1195
1201
1207
Output pulse range
15
3228
Theoretical max (exceeds
device rating)
1
4095
Resolution of one pulse
0.0625
°C
OUTPUT CURRENT
IOL
Output current variation
1, 2, 3
Low level
28
34
40
µA
IOH
High level
112.5
125
143
µA
High-to-low level output current ratio
3.1
3.7
4.5
POWER SUPPLY
Accuracy sensitivity to change in VP – VN
1
2.15 V
≤ VP – VN ≤ 5 V(3)
40
133 m°C/V
Leakage current VP – VN
1, 2, 3
VDD
≤ 0.4 V
0.002
3.5
µA
THERMAL RESPONSE
Still air thermal response time to 63% of final
value (package only)
40
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com