Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLMT01SPHTA/EM Datasheet(PDF) 17 Page - Texas Instruments

Part # PLMT01SPHTA/EM
Description  radiation hardened 2-pin precision digital output temperature sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PLMT01SPHTA/EM Datasheet(HTML) 17 Page - Texas Instruments

Back Button PLMT01SPHTA/EM Datasheet HTML 13Page - Texas Instruments PLMT01SPHTA/EM Datasheet HTML 14Page - Texas Instruments PLMT01SPHTA/EM Datasheet HTML 15Page - Texas Instruments PLMT01SPHTA/EM Datasheet HTML 16Page - Texas Instruments PLMT01SPHTA/EM Datasheet HTML 17Page - Texas Instruments PLMT01SPHTA/EM Datasheet HTML 18Page - Texas Instruments PLMT01SPHTA/EM Datasheet HTML 19Page - Texas Instruments PLMT01SPHTA/EM Datasheet HTML 20Page - Texas Instruments PLMT01SPHTA/EM Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
Time (µs)
VRLmax
VCHmin
VMID
VCHmax
VRHmin
Noise Margin
Noise Margin
GND
VDD
VRHmax
VRLmin
Pulse
Count
Signal
17
LMT01-SP
www.ti.com
SNIS205 – JANUARY 2019
Product Folder Links: LMT01-SP
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Figure 26. Pulse Count Signal Amplitude Variation
8.2.1.2.1
Setting the MSP430 Threshold and Hysteresis
The comparator hysteresis determines the noise level that the signal can support without causing the comparator
to trip falsely and resulting in an inaccurate pulse count. The comparator hysteresis is set by the precision of the
MSP430 and what thresholds it is capable of. For this case, as the input signal transitions high, the comparator
threshold is dropped by 77 mV. If the noise on the signal is kept below this level as it transitions, the comparator
will not trip falsely. In addition, the MSP430 has a digital filter on the COMP_B output that can be used to further
filter output transitions that occur too quickly.
8.2.1.3 Application Curves
Amplitude = 200 mV/div
Δy at cursors = 500 mV
Time Base = 10 µs/div
Δx at cursors = 11.7 µs
Figure 27. MSP430 COMP_B Input Signal No Capacitance
Load
Amplitude = 200 mV/div
Δy at cursors = 484 mV
Time Base = 10 µs/div
Δx at cursors = 11.7 µs
Figure 28. MSP430 COMP_B Input Signal 100-pF
Capacitance Load
8.3 System Examples
The LMT01-SP device can be configured in a number of ways. Transistor level shifting can be used so that the
output pulse of the device can be read with a GPIO (see Figure 29). Multiple LMT01-SP devices can be
controlled with GPIOs and read by a single comparator input as shown in Figure 30. Lastly, the LMT01-SP
device can be configured to have a common ground with a high side signal (see Figure 31).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com