Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLMT01SPHTA/EM Datasheet(PDF) 11 Page - Texas Instruments

Part # PLMT01SPHTA/EM
Description  radiation hardened 2-pin precision digital output temperature sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PLMT01SPHTA/EM Datasheet(HTML) 11 Page - Texas Instruments

Back Button PLMT01SPHTA/EM Datasheet HTML 7Page - Texas Instruments PLMT01SPHTA/EM Datasheet HTML 8Page - Texas Instruments PLMT01SPHTA/EM Datasheet HTML 9Page - Texas Instruments PLMT01SPHTA/EM Datasheet HTML 10Page - Texas Instruments PLMT01SPHTA/EM Datasheet HTML 11Page - Texas Instruments PLMT01SPHTA/EM Datasheet HTML 12Page - Texas Instruments PLMT01SPHTA/EM Datasheet HTML 13Page - Texas Instruments PLMT01SPHTA/EM Datasheet HTML 14Page - Texas Instruments PLMT01SPHTA/EM Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
PC
Temp
256 C
50 C
4096
§
·
u
q
q
¨
¸
©
¹
Power
Off
54ms
max
Pulse
Train
Start of next
conversion result data
50ms max
End of data
Power
Start of data
transmission
End of data
104ms max
50ms max
Power
ON
11
LMT01-SP
www.ti.com
SNIS205 – JANUARY 2019
Product Folder Links: LMT01-SP
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Feature Description (continued)
Figure 19. Temperature to Digital Pulse Train Timing Cycle
7.3.2 Output Transfer Function
The LMT01-SP outputs at minimum 1 pulse and a theoretical maximum 4095 pulses. Each pulse has a weight of
0.0625°C. One pulse corresponds to a temperature less than –50°C while a pulse count of 4096 corresponds to
a temperature greater than 200°C. Note that the LMT01-SP is only ensured to operate up to 125°C, but is
functional up to 150°C. Exceeding this temperature by more than 5°C may damage the device. The accuracy of
the device degrades as well when 125°C is exceeded.
Two different methods of converting the pulse count to a temperature value are discussed in this section. The
first method is the least accurate and uses a first order equation, and the second method is the most accurate
and uses linear interpolation of the values found in the look-up table (LUT) as described in Electrical
Characteristics - Pulse Count to Temperature LUT.
The output transfer function appears to be linear and can be approximated by Equation 1:
where
•
PC is the Pulse Count
•
Temp is the temperature reading
(1)
Table 1 shows some sample calculations using Equation 1.
Table 1. Sample Calculations Using Equation 1
TEMPERATURE (°C)
NUMBER OF PULSES
–49.9375
1
–49.875
2
–40
160
–20
480
0
800
30
1280
50
1600
100
2400
150
3200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com